Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELM327P Datasheet(PDF) 42 Page - ELM Electronics

Part # ELM327P
Description  OBD to RS232 Interpreter
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM327P Datasheet(HTML) 42 Page - ELM Electronics

Back Button ELM327P Datasheet HTML 38Page - ELM Electronics ELM327P Datasheet HTML 39Page - ELM Electronics ELM327P Datasheet HTML 40Page - ELM Electronics ELM327P Datasheet HTML 41Page - ELM Electronics ELM327P Datasheet HTML 42Page - ELM Electronics ELM327P Datasheet HTML 43Page - ELM Electronics ELM327P Datasheet HTML 44Page - ELM Electronics ELM327P Datasheet HTML 45Page - ELM Electronics ELM327P Datasheet HTML 46Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 51 page
background image
42 of 51
ELM327DSC
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com
ELM327
Using Higher RS232 Baud Rates
The RS232 serial interface has been maintained
throughout the ELM OBD products, largely due to its’
versatility. Older computers and PDAs can use it
directly, as can microprocessors. Newer computers
generally do not have RS232 ports, but they do have
USB and ethernet ports, both of which can be
converted to RS232 with a simple adapter.
Most people will build their ELM327 circuits with
an RS232 interface, mainly because it is relatively
easy and inexpensive to do so. A circuit such as the
one shown in Figure 9 requires very few components
and works extremely well at speeds up to 57600 bps.
Depending on your computer’s RS232 voltages, your
wiring practices, and your choice of components, it
may also work well at speeds as high as 115200 bps.
This is the approximate limit of such a circuit however,
and anything operating at this speed should be
thoroughly tested.
Users that would like to operate at speeds in the
range of 115200 bps (or higher) may wish to look at
some of the single IC solutions that are available.
These include
devices such as the ADM232A from
Analog
Devices
(http://www.analog.com/),
or
the
popular MAX232 series of ICs from Maxim Integrated
Products (http://www.maxim-ic.com/). These are all
excellent devices that can be used for speeds of up to
115.2 Kbps. We do caution that many of these types of
devices are only rated for operation up to 120 Kbps,
however, so may not be suitable for higher data rates;
be sure to check the manufacturers data sheet before
committing to a design.
An RS232 interface needs relatively large voltage
swings, which are difficult to maintain at higher rates
with large cable capacitances to contend with. (A
typical interface is often limited to about 230400 bps
under ideal conditions.) If you need to operate the
ELM327 at these speeds or higher, it is recommended
that you consider alternatives.
One popular alternative is a USB data connection.
The USB interface is capable of very high data transfer
rates, certainly much higher than the 500 Kbps limit of
the ELM327. Several manufacturers offer special
‘bridge’ circuits that simplify connecting an RS232
device (such as the ELM327) directly to the USB bus.
Examples
are
the
CP2102
from
Silicon
Labs
(http://www.silabs.com/) or the FT232R from Future
Technology
Devices
(http://www.ftdichip.com/).
If
planning to use the higher baud rates (ie up to 500
Kbaud), these interfaces are essential.
We are often asked about the use of a direct
connection to microprocessor. That is certainly an
option, and one that allows a full speed connection at
essentially zero cost.
If you are developing such a
system, you can often simply connect the transmit
output from your microprocessor to the ELM327’s
receive, and the receive input to the ELM327’s
transmit. Provided that they share the same power
supplies, and you use good wiring practices between
them, the connection should work well. You do not
have to convert to RS232 voltage levels in order to use
the RS232 signals.
The default configuration for the ELM327 provides
an RS232 data rate of either 9600 baud, or 38400
baud, depending on the level at pin 6 during power up
or reset. While the 9600 baud rate is not adjustable,
the 38400 one is (beginning with v1.2 of the IC). There
are two ways that the rate can be changed – either
permanently with a Programmable Parameter, or
temporarily with an AT command.
Programmable Parameter ‘0C’ has been provided
to allow you to change the high speed baud rate to
what works best for you. You can change the value
several times if you wish, and each time that you do,
that new value becomes your power on default setting.
The type of storage used for this value is actually
called ‘non-volatile’, as it is not affected by power
cycles or resets. To change the setting requires only a
write to the ELM327’s EEPROM, using the AT PP
commands.
If, for example, you would like to have the IC use a
baud rate of 57.6K rather than the factory setting of
38.4K, simply change the value of PP 0C, and then
enable it. PP 0C is actually an internal divisor that is
stored in memory – the baud rate is calculated from
4000 divided by the value of the number that is stored.
To obtain a setting of 57.6, a baud rate divisor of 69 is
required (4000/69 is approximately 57.6). Since 69 in
decimal is 45 in hexadecimal, you tell the ELM327 to
set the value to 45:
>AT PP 0C SV 45
then enable the new value for use:
>AT PP 0C ON
from that point on (until PP 0C is turned off), the
ELM327 will communicate at the new baud rate.
If you are designing your own circuitry, it is
relatively easy to know what your circuit is capable of,
and then write a value to PP 0C once. Software
developers will not usually know what hardware is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com