Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELM327P Datasheet(PDF) 38 Page - ELM Electronics

Part # ELM327P
Description  OBD to RS232 Interpreter
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM327P Datasheet(HTML) 38 Page - ELM Electronics

Back Button ELM327P Datasheet HTML 34Page - ELM Electronics ELM327P Datasheet HTML 35Page - ELM Electronics ELM327P Datasheet HTML 36Page - ELM Electronics ELM327P Datasheet HTML 37Page - ELM Electronics ELM327P Datasheet HTML 38Page - ELM Electronics ELM327P Datasheet HTML 39Page - ELM Electronics ELM327P Datasheet HTML 40Page - ELM Electronics ELM327P Datasheet HTML 41Page - ELM Electronics ELM327P Datasheet HTML 42Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 51 page
background image
ELM327
38 of 51
ELM327DSC
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com
Programmable Parameters
The ELM327 contains several programmable
memory locations that retain their data even after
power is turned off. Every time the IC is powered up,
these locations are read and used to change the
default settings for such things as whether to display
the headers, or how often to send ‘wakeup’ messages.
The settings, or parameters, can be altered by the
user at any time using a few simple commands. These
Programmable Parameter commands are standard AT
Commands, with one exception: each one requires a
two-step process to complete. This extra step provides
some security against random inputs that might try to
make changes.
The following pages list the currently supported
Programmable Parameters for this version of the
ELM327.
As
an
example
of
how
to
use
a
Programmable
Parameter,
consider
PP
01
(the
printing of headers). If you are constantly powering
your ELM327 and then using AT H1 to turn the
headers on, you may want to change its default
setting, so that they are always on by default. To do
this, simply set the value of PP 01 to 00:
>AT PP 01 SV 00
OK
This changes the value associated with PP 01, but
does not enabled it. To make the change effective, you
must also type:
>AT PP 01 ON
OK
At this point, you have changed the default setting
for AT H1/H0, but you have not changed the actual
value of the current AT H1/H0 setting. From the ‘Type’
column in the table on page 39, you can see that the
change only becomes effective the next time that
defaults are restored. This could be from a reset, a
power off/on, or possibly an AT D command.
It is occasionally difficult to know what changes
you have made to the Programmable Parameters. To
help with that, the ELM327 provides a Programmable
Parameter Summary (PPS) command. This simply
prints a list of all of the supported PPs, their current
value, and whether they are on/enabled (N), or
off/disabled (F). For an ELM327 v1.2 IC, with only the
headers enabled (as discussed above), the summary
table would look as follows:
>AT PPS
00:FF F
01:00 N
02:FF F
03:32 F
04:01 F
05:FF F
06:F1 F
07:09 F
08:FF F
09:00 F
0A:0A F
0B:FF F
0C:68 F
0D:0D F
0E:FF F
0F:FF F
10:0D F
11:00 F
12:FF F
13:32 F
14:FF F
15:FF F
16:FF F
17:92 F
18:00 F
19:FF F
1A:FF F
1B:FF F
1C:FF F
1D:FF F
1E:FF F
1F:FF F
20:FF F
21:FF F
22:FF F
23:FF F
24:00 F
25:00 F
26:00 F
27:FF F
28:FF F
29:FF F
2A:FF F
2B:02 F
2C:E0 F
2D:04 F
2E:80 F
2F:0A F
You can see that PP 01 now shows a value of 00,
and it is enabled (oN).
Another example shows how you might change
the CAN filler byte. Some systems use ‘AA’ as the
value to put into unused CAN bytes, while the ELM327
uses ‘00’ by default. To change the ELM327’s
behaviour, simply change PP 26:
>AT PP 26 SV AA
OK
>AT PP 26 ON
OK
Again, PP 26 is of type ‘D’, so the above change
will not actually take effect until the AT D command is
issued, or the ELM327 is reset.
The Programmable Parameters are a great way to
customize your ELM327 for your own use, but you
should do so with caution if using commercial
software. Most software expects an ELM327 to
respond in certain ways to commands, and may be
confused if the headers are on when not expected, or
if the CAN response shows data length codes, for
example. If you make changes, it might be best to
make small changes and then see the effect of each,
so that it is easier to retrace your steps and ‘undo’
what you have done. If you get in too deeply, don’t
forget the ‘all off’ command:
>AT PP FF OFF
No matter what software you use, you might get
into more serious trouble, should you change the baud
rate, or the Carriage Return character, for example,
and forget what you have set them to. The Carriage
Return value set by PP 0D is the only character that is
recognized by the ELM327 as ending a command, so



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com