Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELM327P Datasheet(PDF) 20 Page - ELM Electronics

Part # ELM327P
Description  OBD to RS232 Interpreter
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM327P Datasheet(HTML) 20 Page - ELM Electronics

Back Button ELM327P Datasheet HTML 16Page - ELM Electronics ELM327P Datasheet HTML 17Page - ELM Electronics ELM327P Datasheet HTML 18Page - ELM Electronics ELM327P Datasheet HTML 19Page - ELM Electronics ELM327P Datasheet HTML 20Page - ELM Electronics ELM327P Datasheet HTML 21Page - ELM Electronics ELM327P Datasheet HTML 22Page - ELM Electronics ELM327P Datasheet HTML 23Page - ELM Electronics ELM327P Datasheet HTML 24Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 51 page
background image
Talking to the Vehicle
The OBD standards specify that each request that
is sent to the vehicle must adhere to a set format. The
first byte (known as the ‘mode’) always describes the
type of data being requested, while the second, third,
etc. bytes specify the actual information required
(given by a ‘parameter identification’ or PID number).
These modes and PIDs are described in detail in
documents such as the SAE J1979, or ISO 15031-5
standards, and may also be expanded on by the
vehicle manufacturers.
Normally, one is only concerned with the nine
diagnostic test modes described by J1979 (although
there is provision for more). All of these modes are not
required to be supported by every vehicle, and are
often not. These are the nine modes:
01 - show current data
02 - show freeze frame data
03 - show diagnostic trouble codes
04 - clear trouble codes and stored values
05 - test results, oxygen sensors
06 - test results, non-continuously monitored
07 - show ‘pending’ trouble codes
08 - special control mode
09 - request vehicle information
Within each mode, PID 00 is normally reserved to
show which PIDs are supported by that mode. Mode
01, PID 00 must be supported by all vehicles, and can
be accessed as follows…
Ensure that your ELM327 interface is properly
connected to the vehicle, and powered. Most vehicles
will not respond without the ignition key in the ON
position, so turn the ignition to on, but do not start the
engine. At the prompt, issue the mode 01 PID 00
command:
>01 00
The first time the bus is accessed, you may see a
bus initialization message, and then the response,
which might typically be as follows:
41 00 BE 1F B8 10
The 41 signifies a response from a mode 01
request (01+40=41), while the second number (00)
simply repeats the PID number requested. A mode 02,
request is answered with a 42, a mode 03 with a 43,
etc. The next four bytes (BE, 1F, B8, and 10)
represent the requested data, in this case a bit pattern
showing
the
PIDs
supported
by
this
mode
(1=supported, 0=not). Although this information is not
very useful for the casual user, it does prove that the
connection is working.
Another example requests the current engine
coolant temperature (ECT). This is PID 05 in mode 01,
and can be requested as follows:
>01 05
The response will be of the form:
41 05 7B
The 41 05 shows that this is a response to a
mode 1 request for PID 05, while the 7B is the desired
data. Converting the hexadecimal 7B to decimal, one
gets 7 x 16 + 11 = 123. This represents the current
temperature in degrees Celsius, but with the zero
offset to allow for subzero temperatures. To convert to
the actual coolant temperature, you need to subtract
40 from the value obtained. In this case, then, the
coolant temperature is 123 - 40 or 83 °C.
A final example shows a request for the engine
rpm. This is PID 0C of mode 01, so at the prompt type:
>01 0C
A typical response would be:
41 0C 1A F8
The returned value (1A F8) is actually a two byte
value that must be converted to a decimal value to be
useful. Converting it, we get a value of 6904, which
seems to be a very high value for engine rpm. That is
because rpm is sent in increments of 1/4 rpm! To
convert to the actual engine speed, we need to divide
the 6904 by 4. In this case, then, the rpm is 1726,
which is much more reasonable.
Hopefully this has shown how typical requests
proceed. It has not been meant to be a definitive guide
on modes and PIDs – this information can be obtained
from the manufacturer of your vehicle, the SAE
(http://www.sae.org/), from ISO (http://www.iso.org/),
or from various other sources on the web.
20 of 51
ELM327
ELM327DSC
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com