Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELM327P Datasheet(PDF) 39 Page - ELM Electronics

Part # ELM327P
Description  OBD to RS232 Interpreter
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM327P Datasheet(HTML) 39 Page - ELM Electronics

Back Button ELM327P Datasheet HTML 35Page - ELM Electronics ELM327P Datasheet HTML 36Page - ELM Electronics ELM327P Datasheet HTML 37Page - ELM Electronics ELM327P Datasheet HTML 38Page - ELM Electronics ELM327P Datasheet HTML 39Page - ELM Electronics ELM327P Datasheet HTML 40Page - ELM Electronics ELM327P Datasheet HTML 41Page - ELM Electronics ELM327P Datasheet HTML 42Page - ELM Electronics ELM327P Datasheet HTML 43Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 51 page
background image
39 of 51
ELM327DSC
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com
ELM327
The following is a summary of the currently implemented Programmable Parameters (ELM327 v1.2):
Programmable Parameters (Cont’d)
if you change its value, you may not be able to undo
your change. In this case, your only recourse may be
to force all of the PPs off with a hardware trick.
When the ELM327 first powers up, it looks for a
jumper from pin 28 (the OBD Tx LED) to circuit
common (VDD). If a jumper is in place, it will turn off all
of the PPs for you, restoring the IC to the factory
defaults. To use this feature, simply connect a jumper
to circuit common, then hold the other end of the
jumper to pin 28 while turning the power on. As soon
as you see the RS232 Rx LED begin to flash quickly,
you can remove the jumper – the PPs are off. This
feature should only be used when you get into trouble
too deeply, and it’s your only choice (since putting
jumpers into a live circuit might cause damage if you
put it into the wrong place). As well, it is only available
beginning with version 1.2 of the IC, and should not be
used on any previous versions.
06
OBD Source (Tester) Address. Not used for J1939 protocols.
F1
R
07
D
Last Protocol to try during automatic searches
09
PP
Description
Values
Default
Type
01
Printing of header bytes (AT H default setting)
D
02
Allow long messages (AT AL default setting)
D
03
NO DATA timeout time (AT ST default setting)
setting = value x 4.096 msec
00 to FF
32
(205 msec)
D
09
Character echo (AT E default setting)
R
0A
Linefeed Character
0A
R
00
Perform AT MA after powerup or reset
FF
(OFF)
R
00
(ON)
00 = ON
FF = OFF
00 to FF
01 to 0C
00 to FF
FF
(OFF)
FF
(OFF)
00 to 02
01
D
04
Default Adaptive Timing mode (AT AT setting)
0C
P
RS232 baud rate divisor when pin 6=1
The baud rate (in kbps) is given by 4000/(this value)
For example, to obtain 500kbps, use a setting of 08 (4000/8 = 500)
(Continued on the next page)
68
(38.4)
08 to FF
00 = ON
FF = OFF
00 = ON
FF = OFF
00 = ON
FF = OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com