Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELM327P Datasheet(PDF) 44 Page - ELM Electronics

Part # ELM327P
Description  OBD to RS232 Interpreter
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM327P Datasheet(HTML) 44 Page - ELM Electronics

Back Button ELM327P Datasheet HTML 40Page - ELM Electronics ELM327P Datasheet HTML 41Page - ELM Electronics ELM327P Datasheet HTML 42Page - ELM Electronics ELM327P Datasheet HTML 43Page - ELM Electronics ELM327P Datasheet HTML 44Page - ELM Electronics ELM327P Datasheet HTML 45Page - ELM Electronics ELM327P Datasheet HTML 46Page - ELM Electronics ELM327P Datasheet HTML 47Page - ELM Electronics ELM327P Datasheet HTML 48Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 51 page
background image
A common question we receive with our OBD
interpreters is “Can I connect the ELM32x circuit
directly to my own circuit, or must I use the RS232
interface shown?” Certainly you may connect directly
to our ICs – you do not need to use an RS232
interface.
The ELM327 does not use an inverted RS232 Rx
input (as was the case with the ELM320, ELM322 and
ELM323), so interfacing without RS232 levels is now
even simpler. If you have a microprocessor that uses
the same 5V supply as the ELM327, and has an
internal UART, all you will generally need to do is
connect your processor’s transmit output to the
ELM327’s receive input, and then your receive input to
the ELM327’s transmit output. Communications should
work fine with this connection (and a correct baud rate
setting). The ELM327 is a CMOS device that uses
industry standard levels for all inputs and outputs, so is
easily interfaced to almost any logic circuit.
The ELM327 has a hand-shaking feature that may
be very useful for some interfaces. There is a request
to send (RTS) input, and a Busy output that can be
used to interrupt the ELM327, and to see when it is
Error Messages
BUFFER FULL
The ELM327 provides a 256 byte internal RS232
transmit buffer so that OBD messages can be received
quickly, stored, and sent to the computer or PDA at a
more constant rate. Occasionally (particularly with
CAN systems) the buffer will fill at a faster rate than it
is being ‘emptied.’ Eventually it may become full, and
no more data can be stored (it is lost).
If you are receiving BUFFER FULL messages,
and are using a 9600 baud data rate, give serious
consideration to changing your data rate to 38400
baud. If you still receive BUFFER FULL messages
after that, consider some of the filtering options (the
MR, MT, CF and CM AT Commands).
ready to receive an input. To use them, set one of your
port pins to normally provide a high output, and
connect it to the RTS input. Use another port pin as an
input to monitor the ELM327 Busy output. When you
want to send a command, simply check the Busy
output first. If it is at a logic high level, then bring your
RTS line low and wait for the Busy line to go low (you
might want to consider using an edge triggered
interrupt for this, if one is available). When Busy does
go low, restore your RTS line to a high level, and then
send your command to the ELM327. No need to worry
about the ELM327 becoming busy again after you
raise the RTS line at this point – once Busy goes low,
the ELM327 waits (indefinitely) for your command.
If you do not use the RTS input on the ELM327,
don’t forget to tie it to a high logic level.
Computer Control
BUS BUSY
The ELM327 tried to send the message, or tried to
initialize the bus, and detected too much activity to do
so (it needs a pause in activity in order to insert the
message). Although this could be because the bus
was in fact very busy, it is most often due a wiring
problem that is giving a continuously active input. If
this is an initial trial with your ELM327 circuit, check all
of the voltage levels at the offending OBD input – this
error is very likely due to a wiring problem.
BUS ERROR
A generic problem has occured. This is most often
from an invalid signal being detected (a pulse that is
longer than a Break signal, etc.) on the bus, but could
When hardware or data problems occur, the ELM327
will respond with one of the following short messages.
Some of the messages are suppressed during an
44 of 51
ELM327DSC
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com
ELM327
automatic search for a protocol, and are only visible if
not in the ‘auto’ mode. Here is a brief description of
each:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com