Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELM327P Datasheet(PDF) 48 Page - ELM Electronics

Part # ELM327P
Description  OBD to RS232 Interpreter
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM327P Datasheet(HTML) 48 Page - ELM Electronics

Back Button ELM327P Datasheet HTML 43Page - ELM Electronics ELM327P Datasheet HTML 44Page - ELM Electronics ELM327P Datasheet HTML 45Page - ELM Electronics ELM327P Datasheet HTML 46Page - ELM Electronics ELM327P Datasheet HTML 47Page - ELM Electronics ELM327P Datasheet HTML 48Page - ELM Electronics ELM327P Datasheet HTML 49Page - ELM Electronics ELM327P Datasheet HTML 50Page - ELM Electronics ELM327P Datasheet HTML 51Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 48 / 51 page
background image
48 of 51
ELM327
ELM327DSC
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com
Figure 9.
An OBD to RS232 Interpreter
2 (RxD)
X1
4.00MHz
C4
27pF
RS232
Interface
(DB9F)
OBD
Interface
R27-30
470
Ω
+5V
C3
27pF
+5V
+5V
+5V
3 (TxD)
5 (SG)
1 (DCD)
4 (DTR)
6 (DSR)
7 (RTS)
8 (CTS)
+5V
317L
+12V
ELM327
pin 14
R15
4.7K
Ω
to
R15
+5V
(J1962)
J1850 Bus +
2
J1850 Bus -
10
Q5
to
R21
n.c.
+5V
+5V
CAN-H
6
CAN-L
14
1
2
3
4
5
6
7
8
MCP2551
PWR
Vbat
Vbat
ISO-L
15
ISO-K
7
ELM327
pin 12
Vbat
327
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
U1
Battery
Positive
16
78L05
Vbat
+12V
Signal
Ground
5
+5V
R1
470
Ω
C6
0.1µF
C1
0.1µF
D1
R26
4.7K
Ω
R24
10K
Ω
R25
10K
Ω
D4
D5
C5
0.1µF
R23
4.7K
Ω
R22
10K
Ω
Q8
Q9
L1-L4
L5
R32
100
Ω
R33
100
Ω
C8
560pF
C9
560pF
R31
4.7K
Ω
C7
0.1µF
R19
510
Ω
R17
510
Ω
R16 2.2K
Ω
R18 2.2K
Ω
R20
47K
Ω
R21
22K
Ω
R34
47K
Ω
R35
10K
Ω
C2
0.1µF
R5
240
Ω
R3 470
Ω
R4
470
Ω
R2
470
Ω
R8
10K
Ω
R7
4.7K
Ω
Q1
Q2
R6
4.7K
Ω
R10
22K
Ω
R9 10K
Ω
R11
10K
Ω
R12
100K
Ω
D3
Q4
R13
10K
Ω
R14
4.7K
Ω
Q3
D2
Q6
Q7
U2
U3
U4
R36*
22K
Ω
*see text, pg 47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com