Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELM327P Datasheet(PDF) 24 Page - ELM Electronics

Part # ELM327P
Description  OBD to RS232 Interpreter
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM327P Datasheet(HTML) 24 Page - ELM Electronics

Back Button ELM327P Datasheet HTML 20Page - ELM Electronics ELM327P Datasheet HTML 21Page - ELM Electronics ELM327P Datasheet HTML 22Page - ELM Electronics ELM327P Datasheet HTML 23Page - ELM Electronics ELM327P Datasheet HTML 24Page - ELM Electronics ELM327P Datasheet HTML 25Page - ELM Electronics ELM327P Datasheet HTML 26Page - ELM Electronics ELM327P Datasheet HTML 27Page - ELM Electronics ELM327P Datasheet HTML 28Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 51 page
background image
24 of 51
ELM327
ELM327DSC
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com
Selecting Protocols
The ELM327 supports several different OBD
protocols (see Figure 2 below). As a user, you may
never have to choose which one it should use (since
the factory settings cause an automatic search to be
performed for you), but while experimenting, you may
want to specify which protocol is used.
For example, if you know that your vehicle uses
the SAE J1850 VPW protocol, you may want the
ELM327 to only try that protocol, and no others. If that
is what you want, simply determine the protocol
number (from the chart below), then use the ‘Set
Protocol’ AT Command as follows:
>AT SP 2
OK
From this point on, the default protocol (used after
every power-up or AT D command) will be protocol 2
(or whichever one that you have chosen). Verify this
by asking the ELM327 to describe the current protocol:
>AT DP
SAE J1850 VPW
Now what happens if your friend has a vehicle that
uses ISO 9141-2? How do you use the ELM327
interface for that vehicle? There are a few choices...
One possibility is to change your protocol selection
to allow for the automatic searching for another
protocol, on failure of the current one. This is done by
putting an ‘A’ with the protocol number, as follows:
>AT SP A2
OK
>AT DP
AUTO, SAE J1850 VPW
Now, the ELM327 will begin by trying protocol 2,
but will then automatically begin searching for another
protocol should an attempt to connect with protocol 2
fail (as would happen when you try to connect to the
friend’s vehicle). If you have the memory function
enabled when you connect to your friend’s vehicle,
their protocol will then be stored in memory as the new
default protocol, but that is only a minor inconvenience
as the next time you connect to your vehicle, it will try
the friends protocol, fail, and search until it finds yours.
Your protocol will then be resaved as the new default.
Perhaps you have disabled the memory function
(set pin 5 to 0V), and have used AT SP 2 to customize
the IC for your vehicle only, and you don’t want it to
search for others? (In effect, you have turned your
ELM327 into an ELM322 type interface.) In this case,
you might want to use the ‘Try Protocol’ command for
your friend’s vehicle, rather than setting it to something
permanently. You can either say:
>AT TP 3
OK
if you already know that your friend’s vehicle uses
protocol 3, or else you can say:
>AT TP 0
OK
which automatically tries all of the protocols (as
allowed by PP 07) looking for one that responds.
In general, users find that enabling the memory
(setting pin 5 to 5V) and choosing the ‘Auto’ option
(the easiest way is to say AT SP 0) works very well.
After the initial search, the protocol used by your
vehicle becomes the new default mode (so it is tried
first every time), and if the interface is used on another
vehicle, there is only a minor delay while it performs an
automatic search.
Figure 2. ELM327 Protocol Numbers
Description
SAE J1850 PWM (41.6 Kbaud)
Protocol
0
1
2
3
4
5
6
7
8
9
Automatic
SAE J1850 VPW (10.4 Kbaud)
ISO 9141-2 (5 baud init)
ISO 14230-4 KWP (5 baud init)
ISO 14230-4 KWP (fast init)
ISO 15765-4 CAN (11 bit ID, 500 Kbaud)
ISO 15765-4 CAN (29 bit ID, 500 Kbaud)
ISO 15765-4 CAN (11 bit ID, 250 Kbaud)
ISO 15765-4 CAN (29 bit ID, 250 Kbaud)
A
B
C
SAE J1939 CAN (29 bit ID, 250* Kbaud)
User1 CAN (11* bit ID, 125* Kbaud)
User2 CAN (11* bit ID, 50* Kbaud)
*user adjustable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com