Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELM327P Datasheet(PDF) 40 Page - ELM Electronics

Part # ELM327P
Description  OBD to RS232 Interpreter
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM327P Datasheet(HTML) 40 Page - ELM Electronics

Back Button ELM327P Datasheet HTML 36Page - ELM Electronics ELM327P Datasheet HTML 37Page - ELM Electronics ELM327P Datasheet HTML 38Page - ELM Electronics ELM327P Datasheet HTML 39Page - ELM Electronics ELM327P Datasheet HTML 40Page - ELM Electronics ELM327P Datasheet HTML 41Page - ELM Electronics ELM327P Datasheet HTML 42Page - ELM Electronics ELM327P Datasheet HTML 43Page - ELM Electronics ELM327P Datasheet HTML 44Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 51 page
background image
40 of 51
ELM327DSC
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com
ELM327
Programmable Parameters (Cont’d)
0C
Here are some example baud rates, and the divisor to be used for
each:
Baud Rate
(kbps)
19.2
38.4
57.6
115.2
230.4
PP 0C value
D0 (208)
68
(104)
45
(69)
23
(35)
11
(17)
Note that the PP 0C value must be provided to the ELM327 as
hex digits only. The decimal values that are shown above in
brackets are for your convenience only.
500
08
(8)
PP
Description
Values
Default
Type
0D
Carriage Return Character
10
J1850 voltage settling time
setting = value x 4.096 msec
I
11
J1850 Break Signal monitor enable
(reports BUS ERROR if break signal duration limits are exceeded)
D
13
Auto search time delay between protocols 1 & 2
setting = value x 4.096 msec
16
ISO baud rate (AT IB default setting)
FF
(10.4K)
R
ISO wakeup message rate (AT SW default setting)
setting = value x 20.48 msec
D
18
I
24
CAN auto formatting (AT CAF default setting)
D
25
D
26
CAN filler byte (used to pad out messages)
00
D
17
R
0D
0D
(53 msec)
Auto search time delay between protocols 4 & 5
setting = value x 4.096 msec
00
(no delay)
CAN auto flow control (AT CFC default setting)
92
(2.99 sec)
I
(see note 2)
32
(205 msec)
00
(ON)
00
(ON)
00
(ON)
(cont’d)
00 to FF
00 to FF
00 to FF
00 to FF
00 to FF
00 to FF
00 = ON
FF = OFF
00 = 96
FF = 10
00 = ON
FF = OFF
00 = ON
FF = OFF
hex (dec)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com