Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELM327P Datasheet(PDF) 14 Page - ELM Electronics

Part # ELM327P
Description  OBD to RS232 Interpreter
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM327P Datasheet(HTML) 14 Page - ELM Electronics

Back Button ELM327P Datasheet HTML 10Page - ELM Electronics ELM327P Datasheet HTML 11Page - ELM Electronics ELM327P Datasheet HTML 12Page - ELM Electronics ELM327P Datasheet HTML 13Page - ELM Electronics ELM327P Datasheet HTML 14Page - ELM Electronics ELM327P Datasheet HTML 15Page - ELM Electronics ELM327P Datasheet HTML 16Page - ELM Electronics ELM327P Datasheet HTML 17Page - ELM Electronics ELM327P Datasheet HTML 18Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 51 page
background image
14 of 51
ELM327
ELM327DSC
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com
AT Commands (continued)
a value to it might result in unexpected behaviour. The
actual time when the value for this parameter becomes
effective is determined by its type. Refer to the
Programmable
Parameters
section
for
more
information on the types.
Note that ‘PP FF ON’ is a special command that
enables all of the Programmable Parameters at the
same time.
PP xx SV yy [ Prog. Param. xx: Set the Value to yy ]
A value is assigned to a Programmable Parameter
using this command. The system will not be able to
use this new value until the Programmable Parameter
has been enabled, however.
PPS
[ Programmable Parameter Summary ]
The complete range of current Programmable
Parameters are displayed with this command (even
those not yet implemented). Each is shown as a PP
value followed by a colon and the value that is
assigned to it. This is followed by a single digit – either
‘N’ or ‘F’ to show that it is ON (enabled), or OFF
(disabled),
respectively.
See
the
Programmable
Parameters section for a more complete discussion.
R0 and R1
[ Responses off (0) or on(1) ]
These commands control the ELM327’s automatic
display of responses. If responses have been turned
off, the IC will not wait for a reply from the vehicle after
sending a request, and will return immediately to wait
for the next RS232 command. This is useful if sending
commands blindly when using the IC for a non-OBD
network application, or simulating an ECU in a basic
learning environment. It is not recommended that this
option normally be used, however, as the vehicle may
have difficulty if it is expecting an acknowledgement
byte and never receives one. The default is R1, or
responses on.
RV
[ Read the input Voltage ]
This initiaties the reading of the voltage present at
pin 2, and the conversion of it to a decimal voltage. By
default, it is assumed that the input is connected to the
voltage to be measured through a 47K
Ω and 10KΩ
resistor divider (with the 10K
Ω connected from pin 2 to
Vss), and that the ELM327 supply is a nominal 5V.
This will allow for the measurement of input voltages
up to about 28V, with an uncalibrated accuracy of
typically about 2%.
SH xx yy zz
[ Set the Header to xx yy zz ]
This command allows the user to manually control
the values that are sent as the three header bytes in a
message. These bytes are normally assigned values
for you (and are not required to be adjusted), but there
may be occasions when it is desirable to change them
(particularly if experimenting with physical addressing).
The value of hex digits xx will be used for the first or
priority/type byte, yy will be used for the second or
receiver/target byte, and zz will be used for the third or
transmitter/source byte. These remain in effect until
set again, or until restored to their default values with
the D, WS, or Z commands.
This command is used to assign all header bytes,
whether they are for a J1850, ISO 9141, ISO 14230, or
a CAN system. The CAN systems will use these three
bytes to fill bits 0 to 23 of the ID word (for a 29 bit ID),
or will use only the rightmost 11 bits for an 11 bit CAN
ID. The additional 5 bits needed for a 29 bit system are
provided through the AT CP command (since they
rarely change).
If assigning header values for the KWP protocols
(4 and 5), care must be taken when setting the first
header byte (xx) value. The ELM327 will always insert
the number of data bytes for you, but how it is done
depends on the values that you assign to this byte. If
the second digit of this first header byte is anything
other than 0 (zero), the ELM327 assumes that you
wish to have the length value inserted in that first byte
when sending. In other words, providing a length value
in the first header byte tells the ELM327 that you wish
to use a traditional 3 byte header, where the length is
stored in the first byte of the header.
If you provide a value of 0 for that second digit of
the first header byte, the ELM327 will assume that you
wish that value to remain as 0, and that you want to
have a fourth header (length) byte inserted into the
message. This is contrary to the ISO 14230-4 OBD
standard, but is in use by many KWP2000 systems for
(non-OBD) data transfer, so may be useful when
experimenting. Support for 4 byte headers has only
been added with v1.2 of the ELM327 IC, and was not
supported in previous versions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com