Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM4220PFB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # PCM4220PFB
Description  High-Performance, Two-Channel, 24-Bit, 216kHz Sampling Multi-Bit Delta-Sigma Analog-to-Digital Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM4220PFB Datasheet(HTML) 7 Page - Texas Instruments

Back Button PCM4220PFB Datasheet HTML 3Page - Texas Instruments PCM4220PFB Datasheet HTML 4Page - Texas Instruments PCM4220PFB Datasheet HTML 5Page - Texas Instruments PCM4220PFB Datasheet HTML 6Page - Texas Instruments PCM4220PFB Datasheet HTML 7Page - Texas Instruments PCM4220PFB Datasheet HTML 8Page - Texas Instruments PCM4220PFB Datasheet HTML 9Page - Texas Instruments PCM4220PFB Datasheet HTML 10Page - Texas Instruments PCM4220PFB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
www.ti.com
PIN CONFIGURATION
36
35
34
33
32
31
30
29
28
27
26
25
RST
MCKI
LRCK
BCK
DATA
VDD
DGND
NC
NC
NC
SUB0
SUB1
1
2
3
4
5
6
7
8
9
10
11
12
AGND
VINR
-
VINR+
VCC1
AGND
AGND
AGND
AGND
VCC2
VINL
-
VINL+
AGND
48
47
46
45
44
43
42
41
40
39
38
13
14
15
16
17
18
19
20
21
22
23
37
24
PCM4220
PCM4220
SBAS407A – DECEMBER 2006 – REVISED MAY 2007
PFB PACKAGE
TQFP-48
(TOP VIEW)
TERMINAL FUNCTIONS
PIN
NAME
NO.
I/O
DESCRIPTION
AGND
1
Ground
Analog ground
VINR–
2
Input
Right channel inverting, 2.8VPP nominal full-scale
VINR+
3
Input
Right channel noninverting, 2.8VPP nominal full-scale
VCC1
4
Power
Analog supply, +4.0V nominal
AGND
5
Ground
Analog ground
AGND
6
Ground
Analog ground
AGND
7
Ground
Analog ground
AGND
8
Ground
Analog ground
VCC2
9
Power
Analog supply, +4.0V nominal
VINL–
10
Input
Left channel inverting, 2.8VPP nominal full-scale
VINL+
11
Input
Left channel noninverting, 2.8VPP nominal full-scale
AGND
12
Ground
Analog ground
VCOML
13
Output
Left channel common-mode voltage, (0.4875
× VCC2) nominal
REFGNDL
14
Ground
Left channel reference ground, connect to analog ground
VREFL
15
Output
Left channel reference output for decoupling purposes only
PCMEN
16
Input
PCM output enable (active high)
HPFDR
17
Input
Right channel high-pass filter disable (active high)
HPFDL
18
Input
Left channel high-pass filter disable (active high)
7
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com