Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM4220PFB Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # PCM4220PFB
Description  High-Performance, Two-Channel, 24-Bit, 216kHz Sampling Multi-Bit Delta-Sigma Analog-to-Digital Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM4220PFB Datasheet(HTML) 17 Page - Texas Instruments

Back Button PCM4220PFB Datasheet HTML 13Page - Texas Instruments PCM4220PFB Datasheet HTML 14Page - Texas Instruments PCM4220PFB Datasheet HTML 15Page - Texas Instruments PCM4220PFB Datasheet HTML 16Page - Texas Instruments PCM4220PFB Datasheet HTML 17Page - Texas Instruments PCM4220PFB Datasheet HTML 18Page - Texas Instruments PCM4220PFB Datasheet HTML 19Page - Texas Instruments PCM4220PFB Datasheet HTML 20Page - Texas Instruments PCM4220PFB Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
www.ti.com
100mF
+
10-100nF
+
10-100nF
+
100mF
AGND
AGND
+
VREFR
REFGNDR
REFGNDL
VREFL
46
47
14
15
PCM4220
COMMON-MODE VOLTAGE OUTPUTS
VCOML
or
VCOMR
PCM4220
Precision,Low-NoiseOpAmp
(OPA227 orequivalent)
To
BiasNodes
R
(Optional)
DirectConnectto
High-ZBiasNode
(Z >10M )
W
L
100nFto1mF
ClosetoICpins
PCM4220
SBAS407A – DECEMBER 2006 – REVISED MAY 2007
PRODUCT OVERVIEW (continued)
Figure 36. Recommended Reference Capacitor Connections and Values
The PCM4220 includes two dc common-mode voltage outputs, VCOML (pin 13) and VCOMR (pin 48), which
correspond to the left and right input channels, respectively. The common-mode voltage is utilized to bias
internal op amps within the modulator section of the PCM4220, and may be used to bias external input circuitry
when proper design guidelines are followed. The common-mode voltages are derived from the VCC1 and VCC2
analog power supplies using internal voltage dividers. The voltage divider outputs are buffered and then routed
to internal circuitry and the VCOML and VCOMR outputs.
The common-mode output voltage is nominally equal to (0.4875
× VCC1) for VCOMR and (0.4875 × VCC2) for
VCOML. Given an analog supply voltage of +4.0V connected to both VCC1 and VCC2, the resulting
common-mode voltages are +1.95V.
The common-mode voltage outputs have limited drive capability. If multiple bias points are to be driven, or the
external bias nodes are not sufficiently high impedance, an external output buffer is recommended. Figure 37
shows a typical buffer configuration using the OPA227. The op amp utilized in the buffer circuit should exhibit
low dc offset and drift characteristics, as well as low output noise.
Figure 37. Common-Mode Output Connections
17
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com