Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM4220PFB Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # PCM4220PFB
Description  High-Performance, Two-Channel, 24-Bit, 216kHz Sampling Multi-Bit Delta-Sigma Analog-to-Digital Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM4220PFB Datasheet(HTML) 8 Page - Texas Instruments

Back Button PCM4220PFB Datasheet HTML 4Page - Texas Instruments PCM4220PFB Datasheet HTML 5Page - Texas Instruments PCM4220PFB Datasheet HTML 6Page - Texas Instruments PCM4220PFB Datasheet HTML 7Page - Texas Instruments PCM4220PFB Datasheet HTML 8Page - Texas Instruments PCM4220PFB Datasheet HTML 9Page - Texas Instruments PCM4220PFB Datasheet HTML 10Page - Texas Instruments PCM4220PFB Datasheet HTML 11Page - Texas Instruments PCM4220PFB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
www.ti.com
PCM4220
SBAS407A – DECEMBER 2006 – REVISED MAY 2007
TERMINAL FUNCTIONS (continued)
PIN
NAME
NO.
I/O
DESCRIPTION
Sampling modes:
FS0 = 0 and FS1 = 0: Normal mode
FS0
19
Input
FS0 = 1 and FS1 = 0: Double Speed mode
FS1
20
FS0 = 0 and FS1 = 1: Quad Speed mode
FS0 = 1 and FS1 = 1: Reserved Sampling mode
Digital decimation filter response:
DF
21
Input
DF = 0: Classic filter response
DF = 1: Low Group Delay response
DGND
22
Ground
Digital ground
DGND
23
Ground
Digital ground
DGND
24
Ground
Digital ground
TDM active sub-frame:
SUB0 = 0 and SUB1 = 0: Sub-frame 0
SUB1
25
Input
SUB0 = 1 and SUB1 = 0: Sub-frame 1
SUB0
26
SUB0 = 0 and SUB1 = 1: Sub-frame 2
SUB0 = 1 and SUB1 = 1: Sub-frame 3
NC
27
—
No external connection, internally bonded to ESD pad
NC
28
—
No external connection, internally bonded to ESD pad
NC
29
—
No external connection, internally bonded to ESD pad
DGND
30
Ground
Digital ground
VDD
31
Power
Digital supply, +3.3V nominal
DATA
32
Output
Audio serial port data
BCK
33
I/O
Audio serial port bit clock
LRCK
34
I/O
Audio serial port left/right word clock
MCKI
35
Input
Master clock
RST
36
Input
Reset and power-down (active low)
OVFL
37
Output
Left channel overflow flag (active high)
OVFR
38
Output
Right channel overflow flag (active high)
Audio serial port Slave/Master mode:
S/M
39
Input
S/M = 0: Master mode
S/M = 1: Slave mode
DGND
40
Output
Digital ground
Output word length:
OWL0 = 0 and OWL1 = 0: 24-bits
OWL1
41
Input
OWL0 = 1 and OWL1 = 0: 18-bits
OWL0
42
OWL0 = 0 and OWL1 = 1: 20-bits
OWL0 = 1 and OWL1 = 1: 16-bits
Audio data format:
FMT0 = 0 and FMT1 = 0: Left-justified
FMT1
43
Input
FMT0 = 1 and FMT1 = 0: I2S
FMT0
44
FMT0 = 0 and FMT1 = 1: TDM
FMT0 = 1 and FMT1 = 1: TDM with one BCK delay
DGND
45
Ground
Digital ground
VREFR
46
Output
Right channel reference output for decoupling purposes only
REFGNDR
47
Ground
Right channel reference ground, connect to analog ground
VCOMR
48
Output
Right channel common-mode voltage (0.4875
× VCC1 nominal)
8
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com