Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM4220PFB Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # PCM4220PFB
Description  High-Performance, Two-Channel, 24-Bit, 216kHz Sampling Multi-Bit Delta-Sigma Analog-to-Digital Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM4220PFB Datasheet(HTML) 20 Page - Texas Instruments

Back Button PCM4220PFB Datasheet HTML 16Page - Texas Instruments PCM4220PFB Datasheet HTML 17Page - Texas Instruments PCM4220PFB Datasheet HTML 18Page - Texas Instruments PCM4220PFB Datasheet HTML 19Page - Texas Instruments PCM4220PFB Datasheet HTML 20Page - Texas Instruments PCM4220PFB Datasheet HTML 21Page - Texas Instruments PCM4220PFB Datasheet HTML 22Page - Texas Instruments PCM4220PFB Datasheet HTML 23Page - Texas Instruments PCM4220PFB Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
www.ti.com
LRCK
PCM4220
PCM4220
AudioDSP
or
Interface
AudioDSP
or
Interface
BCK
DATA
LRCK
BCK
DATA
MCKI
MCLK
MCKI
MCLK
Master
Clock
Master
Clock
(a)SlaveMode(S/M=HI)
(b)MasterMode(S/M=LO)
FSYNC
SCLK
DATA
FSYNC
SCLK
DATA
PCM4220
SBAS407A – DECEMBER 2006 – REVISED MAY 2007
The LRCK clock rate should always be operated at the desired output sampling rate, or fS. In Slave mode, the
LRCK clock is an input, with the rate set by an external audio bus master (that is, a clock generator, digital
signal processor, etc.). In Master mode, the LRCK clock is an output, derived from the master clock input using
on-chip clock dividers (as is the BCK clock). The clock divider is configured using the FS0 and FS1 pins, which
are discussed in the PCM Output and Sampling Modes section of this datasheet.
For the I2S and Left-Justified data formats, the BCK clock output rate is fixed in Master mode, with the Normal
mode being 128fS and the Double and Quad Speed modes being 64fS. In Slave Mode, a BCK clock input rate of
64fS or 128fS is recommended for Normal mode, while 64fS is recommended for Double and Quad Rate modes.
For the TDM data formats, the BCK rate depends upon the sampling mode for either Slave or Master operation.
For Normal sampling, the BCK must be 256fS. Double Speed mode requires 128fS, while Quad Speed mode
requires 64fS. This requirement limits the maximum number of channels carried by the TDM formats to eight for
Normal mode, four for Double Rate mode, and two for Quad Rate mode.
When using the TDM formats, the sub-frame assignment for the device must be selected using the SUB0 and
SUB1 inputs (pins 26 and 25, respectively). Table 4 summarizes the sub-frame selection options. A sub-frame
contains two 32-bit time slots, with each time slot carrying 24 bits of audio data corresponding to either the left or
right channel of the PCM4220. Refer to Figure 41 through Figure 43 for TDM interfacing connections and
sub-frame formatting details. For the TDM format with one BCK delay, the serial data output is delayed by one
BCK period after the rising edge of the LRCK clock.
Table 4. TDM Sub-frame Assignment
SUB1 (pin 25)
SUB0 (pin 26)
SUB-FRAME ASSIGNMENT
LO
LO
Sub-frame 0
LO
HI
Sub-frame 1
HI
LO
Sub-frame 2
HI
HI
Sub-frame 3
When using TDM formats with Double Speed sampling, it is recommended that the SUB1 pin be forced low.
When using TDM formats with Quad Speed sampling, it is recommended that both the SUB0 and SUB1 pins be
forced low.
For all serial port modes and data formats, when driving capacitive loads greater than 30pF with the data and
clock outputs, it is recommended that external buffers be utilized to ensure data and clock integrity at the
receiving device(s).
For specifications regarding audio serial port operation, the reader is referred to the Electrical Characteristics:
Audio Interface Timing table, as well as Figure 1 and Figure 2 in this data sheet.
Figure 39. Slave and Master Mode Operation
20
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com