Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM4220PFB Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # PCM4220PFB
Description  High-Performance, Two-Channel, 24-Bit, 216kHz Sampling Multi-Bit Delta-Sigma Analog-to-Digital Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM4220PFB Datasheet(HTML) 28 Page - Texas Instruments

Back Button PCM4220PFB Datasheet HTML 24Page - Texas Instruments PCM4220PFB Datasheet HTML 25Page - Texas Instruments PCM4220PFB Datasheet HTML 26Page - Texas Instruments PCM4220PFB Datasheet HTML 27Page - Texas Instruments PCM4220PFB Datasheet HTML 28Page - Texas Instruments PCM4220PFB Datasheet HTML 29Page - Texas Instruments PCM4220PFB Datasheet HTML 30Page - Texas Instruments PCM4220PFB Datasheet HTML 31Page - Texas Instruments PCM4220PFB Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
www.ti.com
PCM4220
Dividedby2
MCKI
BCK
LRCK
DIX4192
or
SRC4392
512f (Normal)
S
256f (DoubleSpeed)
S
128f (QuadSpeed)
S
Master
Clock
MCLK
DATA
BCKA
LRCKA
SDINA
PCM4220
SBAS407A – DECEMBER 2006 – REVISED MAY 2007
VDDPCM4220 = VIODIX4192 or SRC4392.
Audio data format if I2S or Left Justified.
Interface supports ADC Slave or Master configurations, depending on DIX4192, SRC4382, or SRC4392 register
setup.
Figure 49. Interfacing the PCM4220 to a DIX4192, SRC4382, or SRC4392
Table 8. Register Configuration Sequence for an ADC Master Mode Interface
REGISTER ADDRESS (hex)
REGISTER DATA (hex)
COMMENTS
7F
00
Select Register Page 0
00
Port A is Slave mode with Left-Justified audio data format, or
03
01
Port A is Slave mode with I2S Data format
04
00
Default for Port A Slave mode operation
64
Divide MCLK by 512 for Normal sampling,or
07
24
Divide MCLK by 256 for Double Speed Sampling, or
04
Divide MCLK by 128 for Quad Speed sampling
08
00
Line Driver and AESOUT buffer enabled
Data buffers on Register Page 2 are the source for the DIT
09
01
channel status (C) and user (U) data
01
34
Power up Port A and the DIT
Table 9. Register Configuration Sequence for an ADC Slave Mode Interface
REGISTER ADDRESS (hex)
REGISTER DATA (hex)
COMMENTS
7F
00
Select Register Page 0
08
Port A is Master mode with Left-Justified audio data format, or
03
09
Port A is Master mode with I2S Data format
03
Divide MCLK by 512 for Normal sampling, or
04
01
Divide MCLK by 256 for Double Speed sampling, or
00
Divide MCLK by 128 for Quad Speed sampling
64
Divide MCLK by 512 for Normal sampling,or
07
24
Divide MCLK by 256 for Double Speed Sampling, or
04
Divide MCLK by 128 for Quad Speed sampling
08
00
Line Driver and AESOUT buffer enabled
Data buffers on Register Page 2 are the source for the DIT
09
01
channel status (C) and user (U) data
01
34
Power up Port A and the DIT
28
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com