Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM4220PFB Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # PCM4220PFB
Description  High-Performance, Two-Channel, 24-Bit, 216kHz Sampling Multi-Bit Delta-Sigma Analog-to-Digital Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM4220PFB Datasheet(HTML) 22 Page - Texas Instruments

Back Button PCM4220PFB Datasheet HTML 18Page - Texas Instruments PCM4220PFB Datasheet HTML 19Page - Texas Instruments PCM4220PFB Datasheet HTML 20Page - Texas Instruments PCM4220PFB Datasheet HTML 21Page - Texas Instruments PCM4220PFB Datasheet HTML 22Page - Texas Instruments PCM4220PFB Datasheet HTML 23Page - Texas Instruments PCM4220PFB Datasheet HTML 24Page - Texas Instruments PCM4220PFB Datasheet HTML 25Page - Texas Instruments PCM4220PFB Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
www.ti.com
NormalMode
LRCK
L
Sub-frame0 Sub-frame1
OneFrame,1/f
S
Sub-frame2 Sub-frame3
R
L
R
L
R
L
R
L
Sub-frame0 Sub-frame1
OneFrame,1/f
S
OneFrame,1/f
S
Sub-frame0 Sub-frame1
R
L
R
L
R
L
R
L
OneFrame OneFrame
1/f
S
1/f
S
1/f
S
1/f
S
OneFrame OneFrame
R
L
R
L
R
L
R
DATA
LRCK
DATA
LRCK
DATA
DoubleSpeedMode
QuadSpeedMode
NormalMode
LRCK
L
Sub-frame0 Sub-frame1
OneFrame,1/f
S
Sub-frame2 Sub-frame3
R
L
R
L
R
L
R
L
Sub-frame0 Sub-frame1
OneFrame,1/f
S
OneFrame,1/f
S
Sub-frame0 Sub-frame1
R
L
R
L
R
L
R
L
OneFrame OneFrame
1/f
S
1/f
S
1/f
S
1/f
S
OneFrame OneFrame
R
L
R
L
R
L
R
DATA
LRCK
DATA
LRCK
DATA
DoubleSpeedMode
QuadSpeedMode
DIGITAL DECIMATION FILTER
PCM4220
SBAS407A – DECEMBER 2006 – REVISED MAY 2007
Each L or R channel time slot is 32 bits long, with 24-bit data Left-Justified in the time slot. Audio data is MSB first.
Sub-frame assignments for each PCM4220 device are selected by the corresponding SUB0 and SUB1 pin settings.
Figure 42. TDM Data Formats: Slave Mode
Each L or R channel time slot is 32 bits long, with 24-bit data Left-Justified in the time slot. Audio data is MSB first.
Sub-frame assignments for each PCM4220 device are selected by the corresponding SUB0 and SUB1 pin settings.
Figure 43. TDM Data Formats: Master Mode
The PCM4220 digital decimation filter is a linear phase, multistage finite impulse response (FIR) design with two
user-selectable filter responses. The decimation filter provides the digital downsampling and low-pass anti-alias
filter functions for the PCM4220.
The Classic filter response is typical of traditional audio data converters, with Figure 24 through Figure 27
detailing the frequency response, and the related specifications given in the Electrical Characteristics table. The
group delay for the Classic filter is 39/fS, or 812.5µs for fS = 48kHz and 406.25µs for fS = 96kHz. The Classic
filter response is not available for the Quad Speed sampling mode.
22
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com