Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM4220PFB Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # PCM4220PFB
Description  High-Performance, Two-Channel, 24-Bit, 216kHz Sampling Multi-Bit Delta-Sigma Analog-to-Digital Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM4220PFB Datasheet(HTML) 26 Page - Texas Instruments

Back Button PCM4220PFB Datasheet HTML 22Page - Texas Instruments PCM4220PFB Datasheet HTML 23Page - Texas Instruments PCM4220PFB Datasheet HTML 24Page - Texas Instruments PCM4220PFB Datasheet HTML 25Page - Texas Instruments PCM4220PFB Datasheet HTML 26Page - Texas Instruments PCM4220PFB Datasheet HTML 27Page - Texas Instruments PCM4220PFB Datasheet HTML 28Page - Texas Instruments PCM4220PFB Datasheet HTML 29Page - Texas Instruments PCM4220PFB Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 34 page
background image
www.ti.com
560W
40.2W
40.2W
270W
270W
1nF
1nF
100nF
VINL orVINR
-
-
VINL orVINR+
+
C
1
+
+
560W
C
2
U2
2.7nF
U1
VCOML
or
VCOMR
INPUT+
INPUT-
U1,U2=NE5534A,OPA227,orsimilar
R W
1
10kW
10kW
40.2W
40.2W
1.5kW
1.5kW
1nF
1nF
VINL
+
+ orVINR
VINL
-
- orVINR
C
1
+
+
R W
2
C
2
U2
2.7nF
U3
U1
INPUT+
INPUT-
VCOML
or
VCOMR
U1,U2=NE5534A,OPA227,orsimilar.
U3=OPA227orequivalent.
PCM4220
SBAS407A – DECEMBER 2006 – REVISED MAY 2007
C1 and C2 provide ac coupling. They may be removed if the dc offset from the circuit is negligible.
Figure 46. Alternative Buffer Circuit Using Standard Op Amps
R1 and R2 are optional. When used, values may be selected for the desired attenuation.
C1 and C2 provide ac coupling. They may be removed if the dc offset from the circuit is negligible.
Figure 47. Noninverting Differential Input Buffer Utilizing Standard Op Amps
26
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com