Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM4220PFB Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # PCM4220PFB
Description  High-Performance, Two-Channel, 24-Bit, 216kHz Sampling Multi-Bit Delta-Sigma Analog-to-Digital Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM4220PFB Datasheet(HTML) 11 Page - Texas Instruments

Back Button PCM4220PFB Datasheet HTML 7Page - Texas Instruments PCM4220PFB Datasheet HTML 8Page - Texas Instruments PCM4220PFB Datasheet HTML 9Page - Texas Instruments PCM4220PFB Datasheet HTML 10Page - Texas Instruments PCM4220PFB Datasheet HTML 11Page - Texas Instruments PCM4220PFB Datasheet HTML 12Page - Texas Instruments PCM4220PFB Datasheet HTML 13Page - Texas Instruments PCM4220PFB Datasheet HTML 14Page - Texas Instruments PCM4220PFB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
www.ti.com
Frequency(Hz)
0
-20
-40
-60
-80
-100
-120
-140
-160
-180
1k
100
20
10k
100k
f =192kHz
f
=997Hz, 60dB
S
IN
-
Frequency(Hz)
0
-20
-40
-60
-80
-100
-120
-140
-160
-180
1k
100
20
10k
100k
f =192kHz
IdleChannel(noinput)
S
InputFrequency(Hz)
-60
-70
-80
-90
-100
-110
-120
-130
1k
100
20
10k
80k
f =192kHz
InputAmplitude= 1dB
BW=22Hzto80kHz
S
-
InputAmplitude(dB)
-60
-70
-80
-90
-100
-110
-120
-130
-40
-120
-140
-20
0
-100
-80
-60
f =192kHz
f
=997Hz
BW=22Hzto80kHz
S
IN
InputFrequency(kHz)
0
-80
-100
-120
-140
-160
-180
-200
50
10
0
60
80
20
30
40
70
-60
-40
-20
f =192kHz
S
LeftChannel
RightChannel
InputAmplitude(dB)
0
-20
-40
-60
-80
-100
-120
-140
-40
-120
-140
-20
0
-100
-80
-60
f =192kHz
S
PCM4220
SBAS407A – DECEMBER 2006 – REVISED MAY 2007
TYPICAL CHARACTERISTICS (continued)
At T
A = +25°C, VCC1 = VCC2 = +4.0V, and VDD = +3.3V, unless otherwise noted.
FFT PLOT
FFT PLOT
Figure 15.
Figure 16.
THD+N vs INPUT FREQUENCY
THD+N vs INPUT AMPLITUDE
Figure 17.
Figure 18.
CHANNEL SEPARATION vs INPUT FREQUENCY
LINEARITY
Figure 19.
Figure 20.
11
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com