Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM4220PFB Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # PCM4220PFB
Description  High-Performance, Two-Channel, 24-Bit, 216kHz Sampling Multi-Bit Delta-Sigma Analog-to-Digital Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM4220PFB Datasheet(HTML) 18 Page - Texas Instruments

Back Button PCM4220PFB Datasheet HTML 14Page - Texas Instruments PCM4220PFB Datasheet HTML 15Page - Texas Instruments PCM4220PFB Datasheet HTML 16Page - Texas Instruments PCM4220PFB Datasheet HTML 17Page - Texas Instruments PCM4220PFB Datasheet HTML 18Page - Texas Instruments PCM4220PFB Datasheet HTML 19Page - Texas Instruments PCM4220PFB Datasheet HTML 20Page - Texas Instruments PCM4220PFB Datasheet HTML 21Page - Texas Instruments PCM4220PFB Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
www.ti.com
MASTER CLOCK INPUT
RESET AND POWER-DOWN OPERATION
40nsminimum
RST
0V
0V
0V
Internal
Reset
MCKI
1024SystemCLockPeriods
RequiredforInitialization
DISABLED STATES FOR THE PCM4220 AUDIO SERIAL PORT
PCM4220
SBAS407A – DECEMBER 2006 – REVISED MAY 2007
PRODUCT OVERVIEW (continued)
The PCM4220 requires a master clock for operating the internal logic and modulator circuitry. The master clock
is supplied from an external source, connected at the MCKI input (pin 35). Table 1 summarizes the requirements
for various operating modes of the PCM4220. Referring to Table 1, the term fS refers to the PCM4220 PCM
output sampling rate (that is, 48kHz, 96kHz, 192kHz, etc.). Refer to the Electrical Characteristics table for timing
specifications related to the master clock input.
For best performance, the master clock jitter should be maintained below 40ps peak amplitude.
Table 1. Master Clock Requirements
OPERATING MODE
REQUIRED MASTER CLOCK (MCKI) RATE
PCM Normal
256fS
PCM Double Speed
128fS
PCM Quad Speed
64fS
The PCM4220 includes an external reset input, RST (pin 36), which may be utilized to force an internal reset
initialization or power-down sequence. The reset input is active low. Figure 38 shows the required timing for an
external forced reset.
A power-down state for the PCM422 may be initiated by forcing and holding the reset input low for the duration
of the desired power-down condition. Minimum power is consumed during this state when all clock inputs for the
PCM4220 are forced low. Before releasing the reset input by forcing a high state, the master clock should be
enabled so that the PCM4220 can execute a reset initialization sequence.
While the RST pin is forced low, or during reset initialization, the audio serial port data and clock outputs are
driven low.
Figure 38. External Reset Sequence
When PCMEN (pin 16) is driven high, the PCM output is disabled. The audio serial port data and clocks are
driven low.
18
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com