Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM4220PFB Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # PCM4220PFB
Description  High-Performance, Two-Channel, 24-Bit, 216kHz Sampling Multi-Bit Delta-Sigma Analog-to-Digital Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM4220PFB Datasheet(HTML) 19 Page - Texas Instruments

Back Button PCM4220PFB Datasheet HTML 15Page - Texas Instruments PCM4220PFB Datasheet HTML 16Page - Texas Instruments PCM4220PFB Datasheet HTML 17Page - Texas Instruments PCM4220PFB Datasheet HTML 18Page - Texas Instruments PCM4220PFB Datasheet HTML 19Page - Texas Instruments PCM4220PFB Datasheet HTML 20Page - Texas Instruments PCM4220PFB Datasheet HTML 21Page - Texas Instruments PCM4220PFB Datasheet HTML 22Page - Texas Instruments PCM4220PFB Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
www.ti.com
PCM OUTPUT AND SAMPLING MODES
AUDIO SERIAL PORT INTERFACE
PCM4220
SBAS407A – DECEMBER 2006 – REVISED MAY 2007
The PCM4220 supports 24-bit linear PCM output data when the PCMEN input (pin 16) is forced high. The PCM
output is disabled when PCMEN is forced low. The 24-bit output data may be dithered to 20-, 18-, or 16-bits
using internal word length reduction circuitry. Refer to the Output Word Length Reduction section of this data
sheet for additional information.
The PCM4220 supports three PCM sampling modes, referred to as Normal, Double Speed, and Quad Speed.
The sampling mode is determined by the state of the FS0 and FS1 inputs (pins 19 and 20, respectively). Table 2
summarizes the sampling modes available for the PCM4220.
Normal sampling mode supports output sampling rates from 8kHz to 54kHz. The
∆Σ modulator operates with
128x oversampling in this mode. Both the Classic and Low Group Delay decimation filter responses are
available in Normal mode. The master clock (MCKI) rate must be 256x the desired output sampling rate for
Normal operation.
The Double Speed sampling mode supports output sampling rates from 54kHz to 108kHz. The delta-sigma
modulator operates with 64x oversampling in this mode. Both the Classic and Low Group Delay decimation filter
responses are available in Double Speed mode. The master clock (MCKI) rate must be 128x the desired output
sampling rate for Double Speed operation.
Quad Speed sampling mode supports output sampling rates from 108kHz to 216kHz. The delta-sigma modulator
operates with 32x oversampling in this mode. Only the Low Group Delay decimation filter response is available
in Quad Speed mode. The master clock (MCKI) rate must be 64x the desired output sampling rate for Quad
Speed operation.
Table 2. PCM Sampling Mode Configuration
FS1 (pin 20)
FS0 (pin 19)
SAMPLING MODE
LO
LO
Normal, 8kHz
≤ f
S ≤ 54kHz
LO
HI
Double Speed, 54kHz < fS ≤ 108kHz
HI
LO
Quad Speed, 108kHz < fS≤ 216kHz
HI
HI
Reserved
The PCM output mode supports a three-wire synchronous serial interface. This interface includes a serial data
output (DATA, pin 32), a serial bit or data clock (BCK, pin 33), and a left/right word clock (LRCK, pin 34). The
BCK and LRCK clock pins may be inputs or outputs, depending on the Slave or Master mode configuration.
Figure 39 illustrates Slave and Master mode serial port connections to an external audio signal processor or
host device.
The audio serial port supports four data formats that are illustrated in Figure 40, Figure 42, and Figure 43. The
I2S and Left-Justified formats support two channels of audio output data. The TDM data formats can support up
to eight channels of audio output data on a single data line. The audio data format is selected using the FMT0
and FMT1 inputs (pins 44 and 43, respectively). Table 3 summarizes the audio data format options. For all
formats, audio data are represented as two’s complement binary data, with the MSB transmitted first.
Regardless of the format selection, audio data are always clocked out of the port on the falling edge of the BCK
clock.
Table 3. PCM Audio Data Format Selection
FMT1 (pin 43)
FMT0 (pin 44)
AUDIO DATA FORMAT
LO
LO
Left-Justified
LO
HI
I2S
HI
LO
TDM
HI
HI
TDM with data delayed one BCK cycle from LRCK rising edge
19
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com