Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM4220PFB Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # PCM4220PFB
Description  High-Performance, Two-Channel, 24-Bit, 216kHz Sampling Multi-Bit Delta-Sigma Analog-to-Digital Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM4220PFB Datasheet(HTML) 14 Page - Texas Instruments

Back Button PCM4220PFB Datasheet HTML 10Page - Texas Instruments PCM4220PFB Datasheet HTML 11Page - Texas Instruments PCM4220PFB Datasheet HTML 12Page - Texas Instruments PCM4220PFB Datasheet HTML 13Page - Texas Instruments PCM4220PFB Datasheet HTML 14Page - Texas Instruments PCM4220PFB Datasheet HTML 15Page - Texas Instruments PCM4220PFB Datasheet HTML 16Page - Texas Instruments PCM4220PFB Datasheet HTML 17Page - Texas Instruments PCM4220PFB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
www.ti.com
NormalizedFrequency(f )
S
0
-0.5
-1.5
-2.0
-2.5
-3.0
-4.0
0.40
0.30
0.45
0.60
0.35
-1.0
0.50
0.55
-3.5
f =48kHz(fastmode)
TransitionBandDetail
S
NormalizedFrequency(f
)
S/1000
0.6
0.4
0
-0.2
-0.4
-0.6
-0.8
1.5
0
-0.5
2.0
4.0
0.5
1.0
0.2
2.5
3.0
3.5
High-PassFilter Passband
NormalizedFrequency(f
)
S/1000
0
-40
-60
-80
-100
-140
0.10
0
0.15
0.30
0.05
-20
0.20
0.25
-120
High-PassFilter StopBand
PCM4220
SBAS407A – DECEMBER 2006 – REVISED MAY 2007
TYPICAL CHARACTERISTICS (continued)
At T
A = +25°C, VCC1 = VCC2 = +4.0V, and VDD = +3.3V, unless otherwise noted.
DIGITAL DECIMATION FILTER, LOW GROUP DELAY
RESPONSE
DIGITAL HIGH-PASS FILTER
Transition Band Detail
Passband Response
Figure 31.
Figure 32.
DIGITAL HIGH-PASS FILTER
Stop Band Response
Figure 33.
14
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com