Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM4220PFB Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # PCM4220PFB
Description  High-Performance, Two-Channel, 24-Bit, 216kHz Sampling Multi-Bit Delta-Sigma Analog-to-Digital Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM4220PFB Datasheet(HTML) 16 Page - Texas Instruments

Back Button PCM4220PFB Datasheet HTML 12Page - Texas Instruments PCM4220PFB Datasheet HTML 13Page - Texas Instruments PCM4220PFB Datasheet HTML 14Page - Texas Instruments PCM4220PFB Datasheet HTML 15Page - Texas Instruments PCM4220PFB Datasheet HTML 16Page - Texas Instruments PCM4220PFB Datasheet HTML 17Page - Texas Instruments PCM4220PFB Datasheet HTML 18Page - Texas Instruments PCM4220PFB Datasheet HTML 19Page - Texas Instruments PCM4220PFB Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
www.ti.com
ANALOG INPUTS
2.8V
Full-Scale
PP
2.8V
Full-Scale
PP
VINL+
or
VINR+
VINL
-
or
VINR
-
+1.95V
+1.95V
VOLTAGE REFERENCE
PCM4220
SBAS407A – DECEMBER 2006 – REVISED MAY 2007
PRODUCT OVERVIEW (continued)
The PCM4220 includes two analog inputs, referred to as the left and right channels. Each channel includes a
pair of differential voltage input pins. The left channel inputs are named VINL– (pin 10) and VINL+ (pin 11),
respectively. The right channel inputs are named VINR– (pin 2) and VINR+ (pin 3), respectively. Each pin of an
input pair has a nominal full-scale input of 2.8VPP. The full-scale input for a given pair is specified as 5.6VPP
differential in the Electrical Characteristics table. Figure 35 shows the full-scale input range of the PCM4220,
with the input signals centered on the nominal common-mode voltage of +1.95V.
In a typical application, the front end is driven by a buffer amplifier or microphone/line level preamplifier.
Examples are given in the Input Buffer Circuits section of this datasheet. The analog inputs of the PCM4220
may be driven up to the absolute maximum input rating without instability. If the analog input voltage is expected
to exceed the absolute maximum input ratings in a given application, it is recommended that input clamping or
limiting be added to the analog input circuitry prior to the PCM4220 in order to provide protection against
damaging the device. Specifications for the analog inputs are given in the Electrical Characteristics and Absolute
Maximum Ratings tables of this data sheet.
Figure 35. Full-Scale Analog Input Range
The PCM4220 includes an on-chip, band-gap voltage reference. The band-gap output voltage is buffered and
then routed to the two delta-sigma modulators. The inclusion of an on-chip reference circuit enhances the
power-supply noise rejection of the PCM4220. The buffered reference voltage for each channel is filtered using
external capacitors. The capacitors are connected between VREFL (pin 15) and REFGNDL (pin 14) for the left
channel, and VREFR (pin 46) and REFGNDR (pin 47) for the right channel. Figure 36 illustrates the recommend
reference decoupling capacitor values and connection scheme.
The 10nF to 100nF capacitors in Figure 36 may be metal film or X7R/C0G ceramic chip capacitors. The 100
µF
capacitors may be polymer tantalum chip (Kemet T520 series or equivalent) or aluminum electrolytic.
The VREFL and VREFR pins are not designed for biasing external input circuitry. Two common-mode voltage
outputs are provided for this purpose, and are discussed in the following section.
16
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com