Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM4220PFB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # PCM4220PFB
Description  High-Performance, Two-Channel, 24-Bit, 216kHz Sampling Multi-Bit Delta-Sigma Analog-to-Digital Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM4220PFB Datasheet(HTML) 2 Page - Texas Instruments

  PCM4220PFB Datasheet HTML 1Page - Texas Instruments PCM4220PFB Datasheet HTML 2Page - Texas Instruments PCM4220PFB Datasheet HTML 3Page - Texas Instruments PCM4220PFB Datasheet HTML 4Page - Texas Instruments PCM4220PFB Datasheet HTML 5Page - Texas Instruments PCM4220PFB Datasheet HTML 6Page - Texas Instruments PCM4220PFB Datasheet HTML 7Page - Texas Instruments PCM4220PFB Datasheet HTML 8Page - Texas Instruments PCM4220PFB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
www.ti.com
DESCRIPTION
ABSOLUTE MAXIMUM RATINGS
(1)
PCM4220
SBAS407A – DECEMBER 2006 – REVISED MAY 2007
The PCM4220 is a high-performance, two-channel analog-to-digital (A/D) converter designed for use in
professional audio applications. Offering outstanding dynamic performance, the PCM4220 provides 24-bit linear
PCM output data, with support for output word length reduction to 20-, 18-, or 16-bits. The PCM4220 includes
three sampling modes, supporting output sampling rates from 8kHz to 216kHz. The PCM4220 is ideal for a
variety of digital audio recording and processing applications.
A linear phase digital decimation filtering engine supports Classic and Low Group Delay filter responses,
allowing optimization for either studio or live sound applications. In addition, digital high-pass filtering is provided
for DC offset removal. The The PCM4220 is configured using dedicated control pins for selection of sampling
modes, audio data formats and word length, decimation filter response, high-pass filter disable, and
reset/power-down functions.
While providing uncompromising performance, the PCM4220 addresses power concerns with just over 300mW
typical total power dissipation, making the device suitable for multi-channel audio systems. The PCM4220 is
typically powered from a +4.0V analog supply and a +3.3V digital supply. The digital I/O is logic-level compatible
with common digital signal processors, digital interface transmitters, and programmable logic devices. The
PCM4220 is available in a TQFP-48 package, which is RoHS-compliant.
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be
more susceptible to damage because very small parametric changes could cause the device not to meet its published
specifications.
ORDERING INFORMATION
For the most current package and ordering information, see the Package Option Addendum at the end of this
data sheet, or see the TI website at www.ti.com
Over operating free-air temperature range, unless otherwise noted.
VALUE
Power supplies
VCC1, VCC2
–0.3V to +6.0V
VDD
–0.3V to +4.0V
Digital input voltage
All digital input and I/O pins
–0.3V < (VDD + 0.3V) < +4.0V
Analog input voltage
VINL+, VINL–, VINR+, VINR–
–0.3V < (VCC + 0.3V) < +6.0V
Input current (all pins except power and ground)
±10mA
Ambient operating temperature
–40
°C to +85°C
Storage temperature
–65
°C to +150°C
(1)
These limits are stress ratings only. Stresses beyond these limits may result in permanent damage. Extended exposure to absolute
maximum ratings may degrade device reliability. Normal operation or performance at or beyond these limits is not specified or ensured.
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com