Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM4220PFB Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # PCM4220PFB
Description  High-Performance, Two-Channel, 24-Bit, 216kHz Sampling Multi-Bit Delta-Sigma Analog-to-Digital Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM4220PFB Datasheet(HTML) 12 Page - Texas Instruments

Back Button PCM4220PFB Datasheet HTML 8Page - Texas Instruments PCM4220PFB Datasheet HTML 9Page - Texas Instruments PCM4220PFB Datasheet HTML 10Page - Texas Instruments PCM4220PFB Datasheet HTML 11Page - Texas Instruments PCM4220PFB Datasheet HTML 12Page - Texas Instruments PCM4220PFB Datasheet HTML 13Page - Texas Instruments PCM4220PFB Datasheet HTML 14Page - Texas Instruments PCM4220PFB Datasheet HTML 15Page - Texas Instruments PCM4220PFB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
www.ti.com
Frequency(Hz)
0
-0.4
-0.6
-0.8
-1.0
-1.2
-1.4
-1.6
-1.8
-2.0
1k
100
20
10k
20k
-0.2
f =48kHz
ClassicorLowGroupDelayResponse
High-PassFilterEnabled
InputAmplitude= 1dB
S
-
Frequency(Hz)
0
-0.4
-0.6
-0.8
-1.0
-1.2
-1.4
-1.6
-1.8
-2.0
1k
100
20
10k
40k
-0.2
f =96kHz
ClassicorLowGroupDelayResponse
Enabled
InputAmplitude= 1dB
S
High-PassFilter
-
Frequency(Hz)
0
-0.4
-0.6
-0.8
-1.0
-1.2
-1.4
-1.6
-1.8
-2.0
1k
100
20
10k
80k
-0.2
f =192kHz
High-PassFilterEnabled
InputAmplitude= 1dB
S
-
NormalizedFrequency(f )
S
50
0
-50
-100
-150
-200
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
f =48kHz
OverallFrequencyResponse
S
NormalizedFrequency(f )
S
0
-100
-150
0.5
0.1
0
0.6
1.0
0.2
0.3
0.4
0.7
-50
0.8
0.9
NormalizedFrequency(f )
S
2
-1
-2
-4
0.25
0.05
0
0.30
0.50
0.10 0.15 0.20
0.35
0
1
0.40 0.45
-3
f =48kHz
PassbandRippleDetail
S
PCM4220
SBAS407A – DECEMBER 2006 – REVISED MAY 2007
TYPICAL CHARACTERISTICS (continued)
At T
A = +25°C, VCC1 = VCC2 = +4.0V, and VDD = +3.3V, unless otherwise noted.
FREQUENCY RESPONSE
FREQUENCY RESPONSE
(up to 20kHz)
(up to 40kHz)
Figure 21.
Figure 22.
FREQUENCY RESPONSE
DIGITAL DECIMATION FILTER, CLASSIC RESPONSE
(up to 80kHz)
Overall Frequency Response
Figure 23.
Figure 24.
DIGITAL DECIMATION FILTER, CLASSIC RESPONSE
DIGITAL DECIMATION FILTER, CLASSIC RESPONSE
Stop Band Detail
Passband Ripple Detail
Figure 25.
Figure 26.
12
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com