Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM4220PFB Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # PCM4220PFB
Description  High-Performance, Two-Channel, 24-Bit, 216kHz Sampling Multi-Bit Delta-Sigma Analog-to-Digital Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM4220PFB Datasheet(HTML) 25 Page - Texas Instruments

Back Button PCM4220PFB Datasheet HTML 21Page - Texas Instruments PCM4220PFB Datasheet HTML 22Page - Texas Instruments PCM4220PFB Datasheet HTML 23Page - Texas Instruments PCM4220PFB Datasheet HTML 24Page - Texas Instruments PCM4220PFB Datasheet HTML 25Page - Texas Instruments PCM4220PFB Datasheet HTML 26Page - Texas Instruments PCM4220PFB Datasheet HTML 27Page - Texas Instruments PCM4220PFB Datasheet HTML 28Page - Texas Instruments PCM4220PFB Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
www.ti.com
560
(0.1%)
W
2
3
G
1
R
T
S
40.2
(1%)
W
40.2
(1%)
W
270
(0.1%)
W
270
(0.1%)
W
OPA1632DGN
AnalogInput
Full-Scale:11.76V
Differential
PP
TypicalwithR =40W
S
1nF
1nF
560
(0.1%)
W
Ground
LiftSwitch
2.7nF
10nF 100nF
-
-15V
2
1
8
EN
V
OCM
VINL orVINR
-
-
VINL orVINR+
+
From
BufferedV
COM
7
6
3
4
5
10nF 100nF
-
+15V
100nF
PCM4220
SBAS407A – DECEMBER 2006 – REVISED MAY 2007
film or C0G ceramic capacitors; both types perform with equivalent results in this application. Surface-mount
devices are utilized throughout because they provide superior performance when combined with a wideband
amplifier such as the OPA1632. The DGN package version of the OPA1632 is utilized; this package includes a
thermal pad on the bottom side. The thermal pad must be soldered to the PCB ground plane for heat sink and
mechanical support purposes.
Figure 45. Differential Input Buffer Circuit Utilizing the OPA1632
Figure 46 demonstrates the same circuit topology of Figure 45, while using standard single or dual op amps.
The noise level of this circuit is adequate for obtaining the typical A-weighted dynamic range performance for the
PCM4220. However, unweighted performance may suffer, depending upon the op amp noise specifications.
Near-typical THD+N can be achieved with this configuration, although this performance also depends on the op
amps used for the application. The NE5534A and OPA227 (the lower cost 'A' version) are good candidates from
a noise and distortion perspective, and are reasonably priced. More expensive lower-noise models, such as the
OPA211, should also work well for this configuration. Feedback and input resistor values may be changed to
alter circuit gain. However, it is recommmended that all circuit changes be simulated and then tested on the
bench using a working prototype to verify performance.
Figure 47 illustrates a differential input circuit that employs a noninverting architecture. The total noise and
distortion is expected to be higher than that measured for Figure 45 and Figure 46. As with Figure 46, the
NE5534A and OPA227 are good candidates for this circuit, although similar op amps should yield equivalent
results.
A useful tool for simulating the circuits shown here is TINA-TI, a free schematic capture and SPICE-based
simulator program available from the Texas Instruments web site. This tool includes macro models for many TI
and Burr-Brown branded amplifiers and analog integrated circuits. TINA-TI runs on personal computers using
Microsoft Windows
® operating systems (Windows 2000 or newer).
25
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com