Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC440EP Datasheet(PDF) 12 Page - Applied Micro Circuits Corporation

Part # PPC440EP
Description  Power PC 440EP Embedded Processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440EP Datasheet(HTML) 12 Page - Applied Micro Circuits Corporation

Back Button PPC440EP Datasheet HTML 8Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 9Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 10Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 11Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 12Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 13Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 14Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 15Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 16Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 84 page
background image
12
AMCC Proprietary
440EP – PPC440EP Embedded Processor
Revision 1.26 – April 25, 2007
Data Sheet
External Peripheral Bus Controller (EBC)
Features include:
• Up to six ROM, EPROM, SRAM, Flash memory, and slave peripheral I/O banks supported
• Up to 66.66MHz operation
• Burst and non-burst devices
• 16-bit byte-addressable data bus
• 30-bit address
• Peripheral Device pacing with external “Ready”
• Latch data on Ready, synchronous or asynchronous
• Programmable access timing per device
– 256 Wait States for non-burst
– 32 Burst Wait States for first access and up to 8 Wait States for subsequent accesses
– Programmable CSon, CSoff relative to address
– Programmable OEon, WEon, WEoff (1 to 4 clock cycles) relative to CS
• Programmable address mapping
• External DMA Slave Support
• External master interface
– Write posting from external master
– Read prefetching on PLB for external master reads
– Bursting capable from external master
– Allows external master access to all non-EBC PLB slaves
– External master can control EBC slaves for own access and control
Ethernet Controller Interface
Ethernet support provided by the PPC440EP interfaces to the physical layer but the PHY is not included on the
chip:
• One to two 10/100 interfaces running in full- and half-duplex modes
– One full Media Independent Interface (MII) with 4-bit parallel data transfer
– Two Reduced Media Independent Interfaces (RMII) with 2-bit parallel data transfer
– Two Serial Media Independent Interfaces (SMII)
– Packet reject support
DMA to PLB 64 Controller
This DMA controller provides a DMA interface between the OPB and the 64-bit PLB.
Features include:
• Supports the following transfers:
– Memory-to-memory transfers
– Buffered peripheral to memory transfers
– Buffered memory to peripheral transfers
• Four channels
• Scatter/Gather capability for programming multiple DMA operations
• 32-byte buffer
• 8-, 16-, 32-bit peripheral support (OPB and external)
• 32-bit addressing
• Address increment or decrement
• Supports internal and external peripherals
• Support for memory mapped peripherals
• Support for peripherals running on slower frequency buses



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com