Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC440EP Datasheet(PDF) 17 Page - Applied Micro Circuits Corporation

Part # PPC440EP
Description  Power PC 440EP Embedded Processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440EP Datasheet(HTML) 17 Page - Applied Micro Circuits Corporation

Back Button PPC440EP Datasheet HTML 13Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 14Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 15Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 16Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 17Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 18Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 19Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 20Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 21Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 84 page
background image
AMCC Proprietary
17
440EP – PPC440EP Embedded Processor
Data Sheet
Revision 1.26 – April 25, 2007
Signal Lists
The following table lists all the external signals in alphabetical order and shows the ball (pin) number on which the
signal appears. Multiplexed signals are shown with the default signal (following reset) not in brackets and alternate
signals in brackets. Multiplexed signals appear alphabetically multiple times in the list—once for each signal name
on the ball. The page number listed gives the page in “Signal Functional Description” on page 50 where the signals
in the indicated interface group begin. In cases where signals in the same interface group (for example, Ethernet)
have different names to distinguish variations in the mode of operation, the names are separated by a comma with
the primary mode name appearing first. These signals are listed only once, and appear alphabetically by the
primary mode name.
Table 3. Signals Listed Alphabetically (Sheet 1 of 24)
Signal Name
Ball
Interface Group
Page
AGND
AE17
Power
58
AVDD
AD17
BA0
AF03
DDR SDRAM
51
BA1
AF04
BankSel0
R04
DDR SDRAM
51
BankSel1
R02
BankSel2
R01
BankSel3
N01
[BusReq][USB2TermSel]GPIO31
AA23
External Master Peripheral
54
CAS
J02
DDR SDRAM
51
ClkEn
AF05
DDR SDRAM
51
DM0
AE05
DDR SDRAM
51
DM1
AD07
DM2
J01
DM3
L03
DM8
AF07
[DMAAck0][IRQ8]GPIO47
D18
External Slave Peripheral
53
[DMAAck1][IRQ4]GPIO44
G25
[DMAAck2][PerAddr06]GPIO01
B06
[DMAAck3][PerAddr03]GPIO04
C07
[DMAReq0][IRQ7]GPIO46
B24
External Slave Peripheral
53
DMAReq1[IRQ5][ModeCtrl]
AC12
[DMAReq2][PerAddr07]GPIO00
C08
[DMAReq3][PerAddr04]GPIO03
D08
DQS0
AD09
DDR SDRAM
51
DQS1
AC08
DQS2
K03
DQS3
M04
DQS8
AC06
[DrvrInh1]USB2LS0[RejectPkt]
Y25
System
57
[DrvrInh2]Halt
C25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com