Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC440EP Datasheet(PDF) 80 Page - Applied Micro Circuits Corporation

Part # PPC440EP
Description  Power PC 440EP Embedded Processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440EP Datasheet(HTML) 80 Page - Applied Micro Circuits Corporation

Back Button PPC440EP Datasheet HTML 76Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 77Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 78Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 79Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 80Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 81Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 82Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 83Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 84Page - Applied Micro Circuits Corporation  
Zoom Inzoom in Zoom Outzoom out
 80 / 84 page
background image
80
AMCC Proprietary
440EP – PPC440EP Embedded Processor
Revision 1.26 – April 25, 2007
Data Sheet
Initialization
The PPC440EP provides the option for setting initial parameters based on default values or by reading them from
a slave PROM attached to the IIC0 bus (see “EEPROM” below). Some of the default values can be altered by
strapping on external pins (see “Strapping” below).
Strapping
While the SysReset input pin is low (system reset), the state of certain I/O pins is read to enable certain default
initial conditions prior to PPC440EP start-up. The actual capture instant is the nearest reference clock edge before
the deassertion of reset. These pins must be strapped using external pull-up (logical 1) or pull-down (logical 0)
resistors to select the desired default conditions. These pins are used for strap functions only during reset.
Following reset they are used for normal functions. The signal names assigned to the pins for normal operation are
shown in parentheses following the pin number.
The following table lists the strapping pins along with their functions and strapping options:
EEPROM
During reset, initial conditions other than those obtained from the strapping pins can be read from a ROM device
connected to the IIC0 port. At the de-assertion of reset, if the bootstrap controller is enabled, the PPC440EP
sequentially reads 16 bytes from the ROM device on the IIC0 port and sets the SDR0_SDSTP0, SDR0_SDSTP1,
SDR0_SDSTP2 and SDR0_SDSTP3 registers accordingly.
The initialization settings and their default values are covered in detail in the PowerPC 440EP User’s Manual.
Table 23. Strapping Pin Assignments
Function
Option
Ball Strapping
R25
(UART0_DCD)
U26
(UART0_DSR)
V26
(UART0_CTS)
Serial device is disabled. Each of the six options (A–
F) is a combination of boot source, boot-source
width, and clock frequency specifications. Refer to
the IIC Bootstrap Controller chapter in the
PPC440EP Embedded Processor User’s Manual for
details.
A
000
B
001
C
010
D
011
E
100
F
110
Serial device is enabled. The option being selected is
the IIC0 slave address that will respond with
configuration data.
Note: If reading of configuration data from the serial
device fails, the PPC440EP defaults to configuration
X.
G (0xA8)
101
H (0xA4)
111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com