Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC440EP Datasheet(PDF) 71 Page - Applied Micro Circuits Corporation

Part # PPC440EP
Description  Power PC 440EP Embedded Processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440EP Datasheet(HTML) 71 Page - Applied Micro Circuits Corporation

Back Button PPC440EP Datasheet HTML 67Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 68Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 69Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 70Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 71Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 72Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 73Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 74Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 75Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 84 page
background image
AMCC Proprietary
71
440EP – PPC440EP Embedded Processor
Data Sheet
Revision 1.26 – April 25, 2007
DDR1 SDRAM I/O Specifications
The DDR1 SDRAM controller times its operation with internal PLB clock signals and generates MemClkOut0 from
the PLB clock. The PLB clock is an internal signal that cannot be directly observed. However MemClkOut0 is the
same frequency as the PLB clock signal and is in phase with the PLB clock signal.
Note: MemClkOut0 can be advanced with respect to the PLB clock by means of the SDRAM0_CLKTR
programming register. In a typical system, users advance MemClkOut by 90
°. This depends on the specific
application and requires a thorough understanding of the memory system in general (refer to the DDR
SDRAM controller chapter in the PowerPC 440EP User’s Manual).
In the following sections, the label MemClkOut0(0) refers to MemClkOut0 when it has not been phase-shifted, and
MemClkOut0(90) refers to MemClkOut0 when it has been phase-advanced 90
°. Advancing MemClkOut0 by 90°
creates a 3/4 cycle setup time and 1/4 cycle hold time for the address and control signals in relation to
MemClkOut0(90). The rising edge of MemClkOut0(90) aligns with the first rising edge of the DQS signal.
The following DDR data is generated by means of simulation and includes logic, driver, package RLC, and lengths.
Values are calculated over best case and worst case processes with speed, temperature, and voltage as follows:
Best Case = Fast process, -40
°C, +1.6V
Worst Case = Slow process, +85
°C, +1.4V
Note: In all the following DDR tables and timing diagrams, minimum values are measured under best case
conditions and maximum values are measured under worst case conditions.
The signals are terminated as indicated in the figure below for the DDR timing data in the following sections.
Figure 7. DDR SDRAM Simulation Signal Termination Model
10pF
10pF
MemClkOut0
MemClkOut0
120
Ω
50
Ω
30pF
Addr/Ctrl/Data/DQS
VTT = SVDD/2
PPC440EP
Note: This diagram illustrates the model of the DDR SDRAM interface used when generating simulation timing data.
It is not a recommended physical circuit design for this interface. An actual interface design will depend on many
factors, including the type of memory used and the board layout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com