Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC440EP Datasheet(PDF) 9 Page - Applied Micro Circuits Corporation

Part # PPC440EP
Description  Power PC 440EP Embedded Processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440EP Datasheet(HTML) 9 Page - Applied Micro Circuits Corporation

Back Button PPC440EP Datasheet HTML 5Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 6Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 7Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 8Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 9Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 10Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 11Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 12Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 13Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 84 page
background image
AMCC Proprietary
9
440EP – PPC440EP Embedded Processor
Data Sheet
Revision 1.26 – April 25, 2007
PowerPC 440 Processor Core
The PowerPC 440 processor core is designed for high-end applications: RAID controllers, SAN, iSCSI, routers,
switches, printers, set-top boxes, etc. It is the first processor core to implement the new Book E PowerPC
embedded architecture and the first to use the 128-bit version of IBM’s on-chip CoreConnect Bus Architecture.
Features include:
• Up to 667MHz operation
• PowerPC Book E architecture
• 32KB I-cache, 32KB D-cache
– UTLB Word Wide parity on data and tag address parity with exception force
• Three logical regions in D-cache: locked, transient, normal
• D-cache full line flush capability
• 41-bit virtual address, 36-bit (64GB) physical address
• Superscalar, out-of-order execution
• 7-stage pipeline
• 3 execution pipelines
• Dynamic branch prediction
• Memory management unit
– 64-entry, full associative, unified TLB with optional parity
– Separate instruction and data micro-TLBs
– Storage attributes for write-through, cache-inhibited, guarded, and big or little endian
• Debug facilities
– Multiple instruction and data range breakpoints
– Data value compare
– Single step, branch, and trap events
– Non-invasive real-time trace interface
• 24 DSP instructions
– Single cycle multiply and multiply-accumulate
– 32 x 32 integer multiply
– 16 x 16 -> 32-bit MAC
Floating Point Unit (FPU)
Features include:
• Five stages with 2 MFlops/MHz
• Hardware support for IEEE 754
• Single- and double-precision
• Single-cycle throughput on most instructions
• Thirty-two 64-bit floating point registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com