Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC440EP Datasheet(PDF) 76 Page - Applied Micro Circuits Corporation

Part # PPC440EP
Description  Power PC 440EP Embedded Processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440EP Datasheet(HTML) 76 Page - Applied Micro Circuits Corporation

Back Button PPC440EP Datasheet HTML 72Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 73Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 74Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 75Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 76Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 77Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 78Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 79Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 80Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 84 page
background image
76
AMCC Proprietary
440EP – PPC440EP Embedded Processor
Revision 1.26 – April 25, 2007
Data Sheet
Figure 10. DDR SDRAM Read Data Path
In the following examples, the data strobes (DQS) and the data are shown to be coincident. There is actually a
slight skew as specified by the SDRAM specifications, and there can be additional skew due to loading and signal
routing. It is recommended that the signal length for all of the eight DQS signals be matched.
Table 22. I/O Timing—DDR SDRAM TSIN and TDIN
Notes:
1. TSIN = Delay from DQS at package pin to C on Stage 1 FF.
2. TDIN = Delay from data at package pin to D on Stage 1 FF.
3. Clock speed for the values in the table is 133MHz.
4. The time values for TSIN include 1/4 of a cycle at 133MHz (7.5ns x 0.25 = 1.875 ns).
Signal Name
TSIN (ns)
minimum
TSIN (ns)
maximum
Signal Name
TDIN (ns)
minimum
TDIN (ns)
maximum
DQS0
2.74
3.70
MemData00:07
0.86
1.87
DQS1
2.75
3.69
MemData08:15
0.87
1.86
DQS2
2.74
3.69
MemData16:23
0.89
1.86
DQS3
2.76
3.69
MemData24:31
0.88
1.85
DQS8
2.77
3.68
ECC0:7
0.89
1.83
Stage 1
Stage 2
Stage 3
RDSP
PLB bus
FF,
FF
FF
FF
Data
Read Select
(SDRAM0_TR1)
DQS
1/4
Cycle
Delay
PLB Clock
Programmed
Delay
D
C
Package pins
Mux
Read Clock
C
C
C
D
D
D
FF Timing:
TIS = Input setup time = 0.2ns
TIH = Input hold time = 0.1ns
TP = Propagation delay (D to Q or C to Q) = 0.4ns maximum
XL
ECC
FF: Flip-Flop
XL: Transparent Latch
Q
Q
Q
Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com