Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC440EP Datasheet(PDF) 59 Page - Applied Micro Circuits Corporation

Part # PPC440EP
Description  Power PC 440EP Embedded Processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440EP Datasheet(HTML) 59 Page - Applied Micro Circuits Corporation

Back Button PPC440EP Datasheet HTML 55Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 56Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 57Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 58Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 59Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 60Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 61Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 62Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 63Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 84 page
background image
AMCC Proprietary
59
440EP – PPC440EP Embedded Processor
Data Sheet
Revision 1.26 – April 25, 2007
Device Characteristics
Table 7. Absolute Maximum Ratings
The absolute maximum ratings below are stress ratings only. Operation at or beyond these maximum ratings can cause
permanent damage to the device. None of the performance specification contained in this document are guaranteed when
operating at these maximum ratings.
Characteristic
Symbol
Value
Unit
Notes
Supply Voltage (Internal Logic)
VDD
0 to +1.65
V
1
Supply Voltage (I/O, except SDRAM, Ethernet)
OVDD
0 to +3.6
V
1
Supply Voltage (SDRAM, Ethernet)
SVDD
0 to +2.7
V
PLL Supply Voltage
AVDD
0 to +1.65
V
2
SDRAM PLL Supply Voltage
SAVDD
0 to +1.65
V
2
Input Voltage (3.3V LVTTL receivers)
VIN
0 to +3.6
V
Storage Temperature Range
TSTG
-55 to +150
°C
Case temperature under bias
TC
-40 to +120
°C3
Notes:
1. If OVDD ≤ 0.4V, it is required that VDD ≤ 0.4V. Supply excursions not meeting this criteria must be limited to less than 25ms duration
during each power up or power down event.
2. The analog voltages used for the on-chip PLLs can be derived from the logic voltage, but must be filtered before entering the
PPC440EP. A separate filter, as shown below, is recommended for each voltage:
3. This value is not a specification of the operational temperature range, it is a stress rating only.
Table 8. Recommended DC Operating Conditions (Sheet 1 of 2)
Device operation beyond the conditions specified is not recommended. Extended operation beyond the recommended
conditions can affect device reliability.
Parameter
Symbol
Minimum
Typical
Maximum
Unit
Notes
Logic Supply Voltage
VDD
+1.4
+1.5
+1.6
V
I/O Supply Voltage
OVDD
+3.0
+3.3
+3.6
V
SDRAM Supply Voltage
SVDD
+2.3
+2.5
+2.7
V
PLL Supply Voltages
AVDD
+1.4
+1.5
+1.6
V
3
SDRAM PLL Voltage
SAVDD
+1.4
+1.5
+1.6
V
3
DDR SDRAM Reference Voltage
SVREF
+1.15
+1.25
+1.35
V
2
VDD
C
AVDD, SAVDD
L
L – SMT ferrite bead chip, Murata BLM21PG600SN1
C – 0.1
μF ceramic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com