Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC440EP Datasheet(PDF) 55 Page - Applied Micro Circuits Corporation

Part # PPC440EP
Description  Power PC 440EP Embedded Processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440EP Datasheet(HTML) 55 Page - Applied Micro Circuits Corporation

Back Button PPC440EP Datasheet HTML 51Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 52Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 53Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 54Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 55Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 56Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 57Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 58Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 59Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 84 page
background image
AMCC Proprietary
55
440EP – PPC440EP Embedded Processor
Data Sheet
Revision 1.26 – April 25, 2007
USB/UTMI Peripheral Interface
USB2DI0:7
Unidirectional data inputs.
I
3.3V tolerant
2.5V CMOS
5
USB2DO0:7
Unidirectional data outputs.
O
3.3V tolerant
2.5V CMOS
USB2TxRdy
Transmit data ready.
I
3.3V tolerant
2.5V CMOS
USB2RxAct
Receive active.
I
3.3V tolerant
2.5V CMOS
USB2RxDV
Receive data valid.
I
3.3V tolerant
2.5V CMOS
USB2RxErr
Receive error.
I
3.3V tolerant
2.5V CMOS
USB2LS0
Line state 0.
I
3.3V tolerant
2.5V CMOS
2
USB2LS1
Line state 1.
I
3.3V tolerant
2.5V CMOS
USB2TxVal
Transmit valid.
O
3.3V tolerant
2.5V CMOS
USB2Susp
Suspend.
O
3.3V tolerant
2.5V CMOS
USB2XcvrSel
Transceiver select.
O
3.3V tolerant
2.5V CMOS
USB2TermSel
Termination select.
O
3.3V tolerant
2.5V CMOS
USB2OM0:1
Operational mode.
O
3.3V tolerant
2.5V CMOS
USB1HostXcvr
USB1HostXcvr
USB 1.1 Host differential transceiver.
I/O
5V tolerant
USB diff xcvr
5
USB1DevXcvr
USB1DevXcvr
USB 1.1 Device differential transceiver.
I/O
5V tolerant
USB diff xcvr
5
USB2Clk
USB 2.0 Clock
Requires 60MHz signal for operation in 1.1 or 2.0 mode.
I
3.3V tolerant
2.5V CMOS
5
USB1Clk
USB 1.1 Host Clock (48MHz)
Note: If not used for USB, must be connected to a clock signal
with a frequency between 32kHz and 48MHz.
I
3.3V tolerant
2.5V CMOS
Table 6. Signal Functional Description (Sheet 6 of 9)
Notes:
1. Receiver input has hysteresis
2. Must pull up (recommended value is 3k
Ω to 3.3V)
3. Must pull down (recommended value is 1k
Ω)
4. If not used, must pull up (recommended value is 3k
Ω to 3.3V)
5. If not used, must pull down (recommended value is 1k
Ω)
6. Strapping input during reset; pull-up or pull-down required
Signal Name
Description
I/O
Type
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com