Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC440EP Datasheet(PDF) 5 Page - Applied Micro Circuits Corporation

Part # PPC440EP
Description  Power PC 440EP Embedded Processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440EP Datasheet(HTML) 5 Page - Applied Micro Circuits Corporation

  PPC440EP Datasheet HTML 1Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 2Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 3Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 4Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 5Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 6Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 7Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 8Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 9Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 84 page
background image
AMCC Proprietary
5
440EP – PPC440EP Embedded Processor
Data Sheet
Revision 1.26 – April 25, 2007
Block Diagram
Figure 2. PPC440EP Functional Block Diagram
The PPC440EP is a system on a chip (SOC) using IBM CoreConnect Bus™ Architecture.
Processor Core
DCR Bus
32KB
On-chip Peripheral Bus (OPB 0)
GPIO
IIC
UART
PLB (PLB4—128 bits)
DDR SDRAM
External
Peripheral
Controller
Controller
Clock
Control
Reset
Power
Mgmt
JTAG
Trace
Timers
MMU
- 30-bit addr
- 16-bit data
- 13-bit addr
- 32-bit data
NAND
Flash
Controller
UIC
I-Cache
32KB
D-Cache
PPC440
PCI
Bridge
x2
x4
MAL
Ethernet
x2
DCRs
GPT
1 MII
or
2 RMII
or
2 SMII
ZMII
66MHz max
10/100
66MHz max
266MHz max
PLB (PLB3—64 bits)
PLB
Bridge
SPI
USB 2.0
- 32 bits
- 6 devices
Performance
Monitor
FPU
External
DMA
Controller
OPB
Bridge
BSC
10
UTMI
DMA
Controller
OPB
Bridge
1.1PHY
D+/D
−
OPB 1
USB 1.1
Host
1.1PHY
Device
D+/D
−
Interrupts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com