Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC440EP Datasheet(PDF) 6 Page - Applied Micro Circuits Corporation

Part # PPC440EP
Description  Power PC 440EP Embedded Processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440EP Datasheet(HTML) 6 Page - Applied Micro Circuits Corporation

Back Button PPC440EP Datasheet HTML 2Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 3Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 4Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 5Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 6Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 7Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 8Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 9Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 10Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 84 page
background image
6
AMCC Proprietary
440EP – PPC440EP Embedded Processor
Revision 1.26 – April 25, 2007
Data Sheet
Address Maps
The PPC440EP incorporates two address maps. The first is a fixed processor System Memory Address Map. This
address map defines the possible contents of various address regions which the processor can access. The
second is the DCR Address Map for Device Configuration Registers (DCRs). The DCRs are accessed by software
running on the PPC440EP processor through the use of mtdcr and mfdcr instructions.
Table 1. System Memory Address Map (Sheet 1 of 2)
Function
Sub Function
Start Address
End Address
Size
Local Memory1
DDR SDRAM
0 0000 0000
0 3FFF FFFF
1GB
Reserved
0 4000 0000
0 4FFF FFFF
USB 2.0 Device Bus
OPB Arbiter for USB (OPB 1)
0 5000 0000
0 5000 003F
64B
Reserved
0 5000 0040
0 5000 00FF
USB 2.0 Device
0 5000 0100
0 5000 017F
128B
Reserved
0 5000 0180
0 7FFF FFFF
EBC
EBC
0 8000 0000
0 9FFF FFFF
512MB
PCI
PCI Memory
0 A000 0000
0 DFFF FFFF
1GB
Reserved
0 E000 0000
0 E7FF FFFF
PCI I/O
0 E800 0000
0 E800 FFFF
64KB
Reserved
0 E801 0000
0 E87F FFFF
PCI I/O
0 E880 0000
0 EBFF FFFF
56MB
Reserved
0 EC00 0000
0 EEBF FFFF
Configuration Registers
0 EEC0 0000
0 EEC0 0007
8B
Reserved
0 EEC0 0008
0 EECF FFFF
PCI Interrupt Ack / Special Cycle
0 EED0 0000
0 EED0 0003
4B
Reserved
0 EED0 0004
0 EF3F FFFF
Local Configuration Registers
0 EF40 0000
0 EF40 003F
64B
Reserved
0 EF40 0040
0 EF4F FFFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com