Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC440EP Datasheet(PDF) 8 Page - Applied Micro Circuits Corporation

Part # PPC440EP
Description  Power PC 440EP Embedded Processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440EP Datasheet(HTML) 8 Page - Applied Micro Circuits Corporation

Back Button PPC440EP Datasheet HTML 4Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 5Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 6Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 7Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 8Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 9Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 10Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 11Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 12Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 84 page
background image
8
AMCC Proprietary
440EP – PPC440EP Embedded Processor
Revision 1.26 – April 25, 2007
Data Sheet
Table 2. DCR Address Map (4KB of Device Configuration Registers)
Function
Start Address
End Address
Size
Total DCR Address Space1
000
3FF
1KW (4KB)1
By function:
Reserved
000
00B
12W
Clocking Power On Reset (CPR)
00C
00D
2W
System DCRs (SDR)
00E
00F
2W
Memory Controller (SDRAM)
010
011
2W
External Bus Controller (EBC)
012
013
2W
Reserved
014
015
2W
PLB 128 Performance Monitor (PPM)
016
017
2W
Reserved
018
01F
8W
PLB 128 to PLB 64 Bridge Out
020
02F
16W
PLB 64 to PLB 128 Bridge In
030
03F
16W
Reserved
040
06F
64W
PLB 64 Arbiter
070
07F
16W
PLB 128 Arbiter
080
08F
16W
PLB 64 to OPB Bridge Out
090
09F
16W
Reserved
0A0
0A7
8W
OPB to PLB 64 Bridge In
0A8
0AF
8W
Power Management
0B0
0B7
8W
Reserved
0B8
0BF
8W
Interrupt Controller 0
0C0
0CF
16W
Interrupt Controller 1
0D0
0DF
16W
Reserved
0E0
0FF
32W
DMA to PLB 64 Controller
100
13F
64W
Reserved
140
17F
64W
Ethernet MAL
180
1FF
128W
PLB 128 to OPB Bridge
200
20F
16W
Reserved
210
2FF
512W
DMA to PLB 128 Controller
300
33F
64W
Reserved
340
3FF
512W
Notes:
1. DCR address space is addressable with up to 10 bits (1024 or 1K unique addresses). Each unique address represents a single 32-bit
(word) register. One kiloword (1024W) equals 4KB (4096 B).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com