Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC440EP Datasheet(PDF) 1 Page - Applied Micro Circuits Corporation

Part # PPC440EP
Description  Power PC 440EP Embedded Processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440EP Datasheet(HTML) 1 Page - Applied Micro Circuits Corporation

  PPC440EP Datasheet HTML 1Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 2Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 3Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 4Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 5Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 6Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 7Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 8Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 9Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 84 page
background image
Part Number 440EP
Revision 1.26 – April 25, 2007
AMCC Proprietary
1
440EP
Power PC 440EP Embedded Processor
Data Sheet
Features
•PowerPC® 440 processor core operating up to
667MHz with 32KB I-cache and D-cache with
parity checking.
• Selectable processor:bus clock ratios of N:1, N:2.
• Floating Point Unit with single- and double-
precision and single-cycle throughput.
• Dual bridged Processor Local Buses (PLBs) with
64- and 128-bit widths.
• Double Data Rate (DDR) Synchronous DRAM
(SDRAM) interface operating up to 133MHz with
ECC.
• DMA support for external peripherals, internal
UART and memory.
• PCI V2.2 interface (3.3V only). Thirty-two bits at
up to 66MHz.
• Programmable interrupt controller supports
interrupts from a variety of sources.
• Programmable General Purpose Timers (GPT).
• Two Ethernet 10/100Mbps half- or full-duplex
interfaces. Operational modes supported are MII,
RMII, and SMII with packet reject.
• Up to four serial ports (16750 compatible UART).
• Two USB ports. One USB 1.1 Host interface with
on-chip PHY. One USB 2.0 Device interface, with
dedicated DMA, configured as a 1.1 on-chip PHY
or a 2.0 UTMI.
• External peripheral bus (16-bit data) for up to six
devices with external mastering.
• Two IIC interfaces (one with boot parameter read
capability).
• NAND Flash interface.
• SPI interface.
• General Purpose I/O (GPIO) interface.
• JTAG interface for board level testing.
• Boot from PCI memory, NOR Flash on the
external peripheral bus, or NAND Flash on the
NAND Flash interface.
• Available in RoHS compliant lead-free package.
Description
Designed specifically to address high-end embedded
applications, the PowerPC 440EP (PPC440EP)
provides a high-performance, low- power solution that
interfaces to a wide range of peripherals and
incorporates on-chip power management features.
This chip contains a high-performance RISC
processor, a floating point unit, DDR SDRAM
controller, PCI bus interface, control for external ROM
and peripherals, DMA with scatter-gather support,
Ethernet ports, serial ports, IIC interfaces, SPI
interface, USB ports, NAND Flash interface, and
general purpose I/O.
Technology: CMOS Cu-11, 0.13
μm.
Package: 35mm, 456-ball standard plastic ball grid
array (E-PBGA), with and without lead (RoHS
compliant).
Typical power (measured): Less than 3W at 533MHz,
2.5W at 400MHz.
Supply voltages required: 3.3V, 2.5V, 1.5V.


Similar Part No. - PPC440EP

ManufacturerPart #DatasheetDescription
logo
Applied Micro Circuits ...
PPC440EPX-NPAFFFTS AMCC-PPC440EPX-NPAFFFTS Datasheet
2Mb / 94P
PowerPC 440EPx Embedded Processor
PPC440EPX-SPAFFFTS AMCC-PPC440EPX-SPAFFFTS Datasheet
2Mb / 94P
PowerPC 440EPx Embedded Processor
More results

Similar Description - PPC440EP

ManufacturerPart #DatasheetDescription
logo
Applied Micro Circuits ...
405GP AMCC-405GP Datasheet
1Mb / 59P
Power PC 405GP Embedded Processor
405GPR AMCC-405GPR Datasheet
1Mb / 57P
Power PC 405GPr Embedded Processor
440GP AMCC-440GP Datasheet
1Mb / 83P
Power PC 440GP Embedded Processor
440GR AMCC-440GR Datasheet
1Mb / 82P
Power PC 440GR Embedded Processor
440GX AMCC-440GX Datasheet
1Mb / 93P
Power PC 440GX Embedded Processor
logo
Beckhoff Automation Gmb...
CX5120 BECKHOFF-CX5120 Datasheet
211Kb / 5P
Embedded PC with Intel Atom짰 processor
CX5130 BECKHOFF-CX5130 Datasheet
225Kb / 5P
Embedded PC with Intel Atom짰 processor
CX5140 BECKHOFF-CX5140 Datasheet
225Kb / 5P
Embedded PC with Intel Atom짰 processor
CX5230 BECKHOFF-CX5230 Datasheet
209Kb / 4P
Embedded PC with Intel Atom짰 processor
CX5240 BECKHOFF-CX5240 Datasheet
209Kb / 4P
Embedded PC with Intel Atom짰 processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com