Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC440EP Datasheet(PDF) 66 Page - Applied Micro Circuits Corporation

Part # PPC440EP
Description  Power PC 440EP Embedded Processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440EP Datasheet(HTML) 66 Page - Applied Micro Circuits Corporation

Back Button PPC440EP Datasheet HTML 62Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 63Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 64Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 65Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 66Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 67Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 68Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 69Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 70Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 84 page
background image
66
AMCC Proprietary
440EP – PPC440EP Embedded Processor
Revision 1.26 – April 25, 2007
Data Sheet
Figure 5. Input Setup and Hold Waveform
Figure 6. Output Delay and Float Timing Waveform
TmrClk input frequency
–
100
MHz
TmrClk period
10
–
ns
TmrClk input high time
40% of nominal period
60% of nominal period
ns
TmrClk input low time
40% of nominal period
60% of nominal period
ns
Notes:
1. TOPB is the period in ns of the OPB clock. The internal OPB clock runs at 1/2 the frequency of the PLB clock. The maxi-
mum OPB clock frequency is 66.66 MHz.
Table 15. Peripheral Interface Clock Timings (Continued)
Parameter
Min
Max
Units
Notes
Clock
TIS
TIH
min
min
Inputs
Valid
Valid
Clock
Outputs
Valid
TOH min
TOVmax
TOVmax
TOH min
TOVmax
TOH min
Float (High-Z)
High (Drive)
Low (Drive)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com