Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC440EP Datasheet(PDF) 48 Page - Applied Micro Circuits Corporation

Part # PPC440EP
Description  Power PC 440EP Embedded Processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440EP Datasheet(HTML) 48 Page - Applied Micro Circuits Corporation

Back Button PPC440EP Datasheet HTML 44Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 45Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 46Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 47Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 48Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 49Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 50Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 51Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 52Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 84 page
background image
48
AMCC Proprietary
440EP – PPC440EP Embedded Processor
Revision 1.26 – April 25, 2007
Data Sheet
Signal Descriptions
The PPC440EP embedded controller is packaged in a 456-ball enhanced plastic ball grid array (E-PBGA). The
following tables describe the package level pinout.
In the table “Signal Functional Description” on page 50, each I/O signal is listed along with a short description of its
function. Active-low signals (for example, RAS) are marked with an overline. Please see “Signals Listed
Alphabetically” on page 17 for the pin (ball) number to which each signal is assigned.
Multiplexed Signals
Some signals are multiplexed on the same pin so that the pin can be used for different functions. In most cases,
the signal names shown in this table are not accompanied by signal names that may be multiplexed on the same
pin. If you need to know what, if any, signals are multiplexed with a particular signal, look up the name in “Signals
Listed Alphabetically” on page 17. It is expected that in any single application a particular pin will always be
programmed to serve the same function. The flexibility of multiplexing allows a single chip to offer a richer pin
selection than would otherwise be possible. The circuit type for multiplexed signals is shown as “Multiplex.” The
actual circuit type is the same as the primary signal.
Multipurpose Signals
In addition to multiplexing, some pins are also multi-purpose. For example, the EBC peripheral controller address
pins (PerAddr) are used as outputs by the PPC440EP to broadcast an address to external slave devices when the
PPC440EP has control of the external bus. When during the course of normal chip operation an external master
gains ownership of the external bus, these same pins are used as inputs which are driven by the external master
and received by the EBC in the PPC440EP. In this example, the pins are also bidirectional, serving both as inputs
and outputs.
Table 5. Pin Summary
Group
No. of Pins
Total Signal Pins
304
AVDD
1
SAVDD
1
SAGnd
1
AGnd
1
OVDD
18
SVDD
18
VDD
32
Gnd
80
Total Power Pins
152
Reserved
0
Total Pins
456



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com