Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC440EP Datasheet(PDF) 13 Page - Applied Micro Circuits Corporation

Part # PPC440EP
Description  Power PC 440EP Embedded Processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440EP Datasheet(HTML) 13 Page - Applied Micro Circuits Corporation

Back Button PPC440EP Datasheet HTML 9Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 10Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 11Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 12Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 13Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 14Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 15Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 16Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 17Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 84 page
background image
AMCC Proprietary
13
440EP – PPC440EP Embedded Processor
Data Sheet
Revision 1.26 – April 25, 2007
DMA to PLB 128 Controller
This DMA controller provides a DMA interface dedicated to the USB 2.0 device ports and the 128-bit PLB.
Features include:
• 4 independent channels supporting internal USB 2.0 Device endpoints 1 and 2
• Support for memory-to-memory, peripheral-to-memory, and memory-to-peripheral transfers
• Scatter/gather capability
• 128-byte buffer with programmable thresholds
Serial Ports (UART)
Features include:
• Up to four ports in the following combinations:
– One 8-pin
– Two 4-pin
– One 4-pin and two 2-pin
– Four 2-pin
• Selectable internal or external serial clock to allow wide range of baud rates
• Register compatibility with NS16750 register set
• Complete status reporting capability
• Fully programmable serial-interface characteristics
• Supports DMA using internal DMA function on PLB 64
IIC Bus Interface
Features include:
• Two IIC interfaces provided
• Support for Philips® Semiconductors I2C Specification, dated 1995
• Operation at 100kHz or 400kHz
•8-bit data
• 10- or 7-bit address
• Slave transmitter and receiver
• Master transmitter and receiver
• Multiple bus masters
• Supports fixed VDD IIC interface
• Two independent 4 x 1 byte data buffers
• Twelve memory-mapped, fully programmable configuration registers
• One programmable interrupt request signal
• Provides full management of all IIC bus protocols
• Programmable error recovery
• Includes an integrated boot-strap controller that is multiplexed with the second IIC interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com