Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58PR512J Datasheet(PDF) 52 Page - STMicroelectronics

Part # M58PR512J
Description  256 Mbit or 512 Mbit (x16, Multiple Bank, Multilevel, Burst) 1.8 V supply Flash memories
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58PR512J Datasheet(HTML) 52 Page - STMicroelectronics

Back Button M58PR512J Datasheet HTML 48Page - STMicroelectronics M58PR512J Datasheet HTML 49Page - STMicroelectronics M58PR512J Datasheet HTML 50Page - STMicroelectronics M58PR512J Datasheet HTML 51Page - STMicroelectronics M58PR512J Datasheet HTML 52Page - STMicroelectronics M58PR512J Datasheet HTML 53Page - STMicroelectronics M58PR512J Datasheet HTML 54Page - STMicroelectronics M58PR512J Datasheet HTML 55Page - STMicroelectronics M58PR512J Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 114 page
background image
Configuration Register
M58PR256J, M58PR512J
52/114
Table 15.
Configuration Register
Bit
Description
Value
Description
CR15
Read Select
0
Synchronous Read
1
Asynchronous Read (Default at power-on)
CR14-CR11
X-Latency
0011
3 Clock Latency
0100
4 Clock Latency
0101
5 Clock Latency
0110
6 Clock Latency
0111
7 Clock Latency
1000
8 Clock Latency
1001
9 Clock Latency
1010
10 Clock Latency
1011
11 Clock Latency
1100
12 Clock Latency
1101
13 Clock Latency
1110
14 Clock Latency
1111
15 Clock Latency (Default)
Other configurations reserved
CR10
Wait Polarity
0
WAIT is active Low (default)
1
WAIT is active High
CR9
Reserved(1)
1.
Reserved bits should be cleared to ‘0’.
CR8
Wait
Configuration
0
WAIT is active during WAIT state
1
WAIT is active one data cycle before WAIT state
(default)1
CR7-CR3
Reserved(1)
CR2-CR0
Burst Length
010
8 Words (wrap only)
011
16 Words (wrap only)
111
Continuous (default, no wrap only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com