Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58PR512J Datasheet(PDF) 16 Page - STMicroelectronics

Part # M58PR512J
Description  256 Mbit or 512 Mbit (x16, Multiple Bank, Multilevel, Burst) 1.8 V supply Flash memories
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58PR512J Datasheet(HTML) 16 Page - STMicroelectronics

Back Button M58PR512J Datasheet HTML 12Page - STMicroelectronics M58PR512J Datasheet HTML 13Page - STMicroelectronics M58PR512J Datasheet HTML 14Page - STMicroelectronics M58PR512J Datasheet HTML 15Page - STMicroelectronics M58PR512J Datasheet HTML 16Page - STMicroelectronics M58PR512J Datasheet HTML 17Page - STMicroelectronics M58PR512J Datasheet HTML 18Page - STMicroelectronics M58PR512J Datasheet HTML 19Page - STMicroelectronics M58PR512J Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 114 page
background image
Signal descriptions
M58PR256J, M58PR512J
16/114
2.12
VDD supply voltage
VDD provides the power supply to the internal core of the memory device. It is the main
power supply for all operations (Read, Program and Erase).
2.13
VDDQ supply voltage
VDDQ provides the power supply to the I/O pins and enables all Outputs to be powered
independently of VDD. VDDQ can be tied to VDD or can use a separate supply.
VDDQ is sampled at the beginning of program/erase operations. If VDDQ is lower than VLKOQ,
the device is reset.
2.14
VPP Program supply voltage
VPP is both a control input and a power supply pin. The two functions are selected by the
voltage range applied to the pin.
If VPP is kept in a low voltage range (0V to VDDQ) VPP is seen as a control input. In this case
a voltage lower than VPPLK gives an absolute protection against program or erase, while
VPP > VPP1 enables these functions (see Tables 26 and 27, DC Characteristics for the
relevant values). VPP is only sampled at the beginning of a program or erase; a change in its
value after the operation has started does not have any effect and program or erase
operations continue.
If VPP is in the range of VPPH it acts as a power supply pin. In this condition VPP must be
stable until the Program/Erase algorithm is completed.
2.15
VSS ground
VSS ground is the reference for the core supply. It must be connected to the system ground.
2.16
VSSQ ground
VSSQ ground is the reference for the input/output circuitry driven by VDDQ. VSSQ must be
connected to VSS
Note:
Each device in a system should have VDD, VDDQ and VPP decoupled with a 0.1 µF ceramic
capacitor close to the pin (high frequency, inherently low inductance capacitors should be as
close as possible to the package). See Figure 9: AC measurement load circuit. The PCB
track widths should be sufficient to carry the required VPP program and erase currents.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com