Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58PR512J Datasheet(PDF) 15 Page - STMicroelectronics

Part # M58PR512J
Description  256 Mbit or 512 Mbit (x16, Multiple Bank, Multilevel, Burst) 1.8 V supply Flash memories
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58PR512J Datasheet(HTML) 15 Page - STMicroelectronics

Back Button M58PR512J Datasheet HTML 11Page - STMicroelectronics M58PR512J Datasheet HTML 12Page - STMicroelectronics M58PR512J Datasheet HTML 13Page - STMicroelectronics M58PR512J Datasheet HTML 14Page - STMicroelectronics M58PR512J Datasheet HTML 15Page - STMicroelectronics M58PR512J Datasheet HTML 16Page - STMicroelectronics M58PR512J Datasheet HTML 17Page - STMicroelectronics M58PR512J Datasheet HTML 18Page - STMicroelectronics M58PR512J Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 114 page
background image
M58PR256J, M58PR512J
Signal descriptions
15/114
2.7
Reset (RP)
The Reset input provides a hardware reset of the memory. When Reset is at VIL, the
memory is in reset mode: the outputs are high impedance and the current consumption is
reduced to the Reset Supply Current IDD2. Refer to Table 26: DC characteristics - currents,
for the value of IDD2. After Reset all Blocks are in the Locked state and the Configuration
Register is reset. When Reset is at VIH, the device is in normal operation. Exiting reset
mode the device enters asynchronous read mode, but a negative transition of Chip Enable
or Latch Enable is required to ensure valid data outputs.
The Reset pin can be interfaced with 3V logic without any additional circuitry. It can be tied
to VRPH (refer to Table 27: DC characteristics - voltages).
2.8
Deep Power-Down (DPD)
The Deep Power-Down input is used to put the device in Deep Power-Down mode.
When the device is in Standby mode and the Enhanced Configuration Register bit ECR15 is
set, asserting the Deep Power-Down input will cause the memory to enter the Deep Power-
Down mode.
When the device is in the Deep Power-Down mode, the memory cannot be modified and the
data is protected.
The polarity of the DPD pin is determined by ECR14. The Deep Power-Down input is active
Low by default.
2.9
Latch Enable (L)
Latch Enable latches the address bits on its rising edge. The address latch is transparent
when Latch Enable is at VIL and it is inhibited when Latch Enable is at VIH. Latch Enable can
be kept Low (also at board level) when the Latch Enable function is not required or
supported.
2.10
Clock (K)
The clock input synchronizes the memory to the microcontroller during synchronous read
operations; the address is latched on a Clock edge when Latch Enable is at VIL. Clock is
ignored during asynchronous read and in write operations.
2.11
Wait (WAIT)
Wait is an output signal used during synchronous read to indicate whether the data on the
output bus are valid. This output is high impedance when Chip Enable is at VIH, Output
Enable is at VIH, or Reset is at VIL. It can be configured to be active during the wait cycle or
one data cycle in advance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com