Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58PR512J Datasheet(PDF) 43 Page - STMicroelectronics

Part # M58PR512J
Description  256 Mbit or 512 Mbit (x16, Multiple Bank, Multilevel, Burst) 1.8 V supply Flash memories
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58PR512J Datasheet(HTML) 43 Page - STMicroelectronics

Back Button M58PR512J Datasheet HTML 39Page - STMicroelectronics M58PR512J Datasheet HTML 40Page - STMicroelectronics M58PR512J Datasheet HTML 41Page - STMicroelectronics M58PR512J Datasheet HTML 42Page - STMicroelectronics M58PR512J Datasheet HTML 43Page - STMicroelectronics M58PR512J Datasheet HTML 44Page - STMicroelectronics M58PR512J Datasheet HTML 45Page - STMicroelectronics M58PR512J Datasheet HTML 46Page - STMicroelectronics M58PR512J Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 114 page
background image
M58PR256J, M58PR512J
Program operations
43/114
5.6
Single Word Program method
The Single Word Program method is based on the Program command. It is supported only
by Program Regions configured in the Control Program mode.
If the Single Word Program method is attempted in a Program Region configured in the
Object Program mode, the program operation is aborted and Status Register bits SR4 and
SR8 are set.
See Section 4: Command interface for a detailed description of the Program command.
In Program Regions configured in the Control Program mode, the Program command can
be issued several times.
Using the Single Word Program method to program one or more bits to '0' in the ’B’ halves of
the Segments (A3 = 1), of an erased or already programmed Program Region, will generate
an error:
●
in the case of an erased Program Region, it is considered an illegal operation that will
set Status Register bits SR4 and SR9.
●
in the case of an already programmed Program Region, an error is always generated
because:
–
to be able to write to a Program Region configured in the Object Program mode,
the entire Block that contains the Program Region must be erased first.
–
it is not allowed to write to the ’B’ halves of the Segments of a Program Region
configured in the Control Program mode.
5.7
Buffer Program method
The Buffer Program method is based on the Buffer Program command. It makes use of a
1KByte Write Buffer to speed up programming. The data is written to the Write Buffer and
then programmed to the specified main array location.
The Buffer Program method is supported whatever the program mode of the Program
Regions.
When using the Buffer Program method in a Program Region configured in the Object
Program mode, the start address must be aligned to the 1KB Write Buffer.
When using the Buffer Program method in a Program Region configured in the Control
Program mode, the address to be programmed must be located inside the ’A’ halves of the
Program Region’s Segments (addresses with A3 = 0) and the ’B’ halves of the Segments
(addresses with A3= 1) must be filled only with FFFFh data.
The Buffer Program command can be issued several times to Program Regions configured
in the Control Program mode.
The Buffer Program command can be issued only once in Program Regions configured in
the Object Program mode. Attempts to program the same Program Regions by re-issuing
the Buffer Program command will lead to data corruption.
See Section 4: Command interface for a detailed description of the Buffer Program
command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com