Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58PR512J Datasheet(PDF) 21 Page - STMicroelectronics

Part # M58PR512J
Description  256 Mbit or 512 Mbit (x16, Multiple Bank, Multilevel, Burst) 1.8 V supply Flash memories
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58PR512J Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M58PR512J Datasheet HTML 17Page - STMicroelectronics M58PR512J Datasheet HTML 18Page - STMicroelectronics M58PR512J Datasheet HTML 19Page - STMicroelectronics M58PR512J Datasheet HTML 20Page - STMicroelectronics M58PR512J Datasheet HTML 21Page - STMicroelectronics M58PR512J Datasheet HTML 22Page - STMicroelectronics M58PR512J Datasheet HTML 23Page - STMicroelectronics M58PR512J Datasheet HTML 24Page - STMicroelectronics M58PR512J Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 114 page
background image
M58PR256J, M58PR512J
Command interface
21/114
4.1
Read Array command
The Read Array command returns the addressed bank to Read Array mode.
One Bus Write cycle is required to issue the Read Array command. Once a bank is in Read
Array mode, subsequent read operations will output the data from the memory array.
A Read Array command can be issued to any banks while programming or erasing in
another bank.
If the Read Array command is issued to a bank currently executing a program or erase
operation, the bank will return to Read Array mode but the program or erase operation will
continue, however the data output from the bank is not guaranteed until the program or
erase operation has finished. The read modes of other banks are not affected.
4.2
Read Status Register command
The device contains a Status Register that is used to monitor program or erase operations.
The Read Status Register command is used to read the contents of the Status Register for
the addressed bank.
One Bus Write cycle is required to issue the Read Status Register command. Once a bank
is in Read Status Register mode, subsequent read operations will output the contents of the
Status Register.
The Status Register data is latched on the falling edge of the Chip Enable or Output Enable
signals. Either Chip Enable or Output Enable must be toggled to update the Status Register
data
The Read Status Register command can be issued at any time, even during program or
erase operations. The Read Status Register command will only change the read mode of
the addressed bank. The read modes of other banks are not affected. Only Asynchronous
Read and Single Synchronous Read operations should be used to read the Status Register.
A Read Array command is required to return the bank to Read Array mode.
See Table 13 for the description of the Status Register Bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com