Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58PR512J Datasheet(PDF) 12 Page - STMicroelectronics

Part # M58PR512J
Description  256 Mbit or 512 Mbit (x16, Multiple Bank, Multilevel, Burst) 1.8 V supply Flash memories
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58PR512J Datasheet(HTML) 12 Page - STMicroelectronics

Back Button M58PR512J Datasheet HTML 8Page - STMicroelectronics M58PR512J Datasheet HTML 9Page - STMicroelectronics M58PR512J Datasheet HTML 10Page - STMicroelectronics M58PR512J Datasheet HTML 11Page - STMicroelectronics M58PR512J Datasheet HTML 12Page - STMicroelectronics M58PR512J Datasheet HTML 13Page - STMicroelectronics M58PR512J Datasheet HTML 14Page - STMicroelectronics M58PR512J Datasheet HTML 15Page - STMicroelectronics M58PR512J Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 114 page
background image
Description
M58PR256J, M58PR512J
12/114
Figure 2.
Memory map
Table 2.
M58PR256J bank architecture
Number
Bank Size
Blocks
Bank 0
32 Mbits
16 Blocks of 128 KWords
Bank 1
32 Mbits
16 Blocks of 128 KWords
Bank 2
32 Mbits
16 Blocks of 128 KWords
Bank 7
32 Mbits
16 Blocks of 128 KWords
Table 3.
M58PR512J bank architecture
Number
Bank Size
Blocks
Bank 0
64 Mbits
32 Blocks of 128 KWords
Bank 1
64 Mbits
32 Blocks of 128 KWords
Bank 2
64 Mbits
32 Blocks of 128 KWords
Bank 7
64 Mbits
32 Blocks of 128 KWords
Table 4.
EFA memory map
EFA Block
Size
Address Range
3
4 KWords (64 Kbits)
0003000 - 0003FFF
2
4 KWords (64 Kbits)
0002000 - 0002FFF
1
4 KWords (64 Kbits)
0001000 - 0001FFF
0
4 KWords (64 Kbits)
0000000 - 0000FFF
AI10124b
M58PR256J
Address lines A23-A0
16 Blocks
Bank 0
M58PR512J
Address lines A24-A0
128 KWord
000000h
01FFFFh
128 KWord
1E0000h
1FFFFFh
128 KWord
E00000h
E1FFFFh
128 KWord
FE0000h
FFFFFFh
128 KWord
0000000h
001FFFFh
128 KWord
03E0000h
03FFFFFh
128 KWord
1C00000h
1C1FFFFh
128 KWord
1FE0000h
1FFFFFFh
Bank 7
Bank 7
Bank 0
16 Blocks
32 Blocks
32 Blocks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com