Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58PR512J Datasheet(PDF) 39 Page - STMicroelectronics

Part # M58PR512J
Description  256 Mbit or 512 Mbit (x16, Multiple Bank, Multilevel, Burst) 1.8 V supply Flash memories
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58PR512J Datasheet(HTML) 39 Page - STMicroelectronics

Back Button M58PR512J Datasheet HTML 35Page - STMicroelectronics M58PR512J Datasheet HTML 36Page - STMicroelectronics M58PR512J Datasheet HTML 37Page - STMicroelectronics M58PR512J Datasheet HTML 38Page - STMicroelectronics M58PR512J Datasheet HTML 39Page - STMicroelectronics M58PR512J Datasheet HTML 40Page - STMicroelectronics M58PR512J Datasheet HTML 41Page - STMicroelectronics M58PR512J Datasheet HTML 42Page - STMicroelectronics M58PR512J Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 114 page
background image
M58PR256J, M58PR512J
Command interface
39/114
Figure 4.
Protection Register memory map
Table 10.
Protection Register locks
Lock
Description
Number
Address
Bits
Lock 1
80h
Bit 0
preprogrammed to protect Unique Device Number, address
81h to 84h in PR0
Bit 1
protects 64bits of OTP area, address 85h to 88h in PR0
Bits 2 to 15 reserved
Lock 2
89h
Bit 0
protects 128bits of OTP area PR1
Bit 1
protects 128bits of OTP area PR2
Bit 2
protects 128bits of OTP area PR3
Bit 13
protects 128bits of OTP area PR14
Bit 14
protects 128bits of OTP area PR15
Bit 15
protects 128bits of OTP area PR16
AI07563
User Programmable OTP
Unique device number
Protection Register Lock
1 0
88h
88h
85h
84h
81h
80h
User Programmable OTP
PROTECTION REGISTERS
User Programmable OTP
10
43 2
975
13 12
10
11
8
6
14
15
PR1
PR16
PR0
89h
8Ah
91h
102h
109h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com