Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58PR512J Datasheet(PDF) 60 Page - STMicroelectronics

Part # M58PR512J
Description  256 Mbit or 512 Mbit (x16, Multiple Bank, Multilevel, Burst) 1.8 V supply Flash memories
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58PR512J Datasheet(HTML) 60 Page - STMicroelectronics

Back Button M58PR512J Datasheet HTML 56Page - STMicroelectronics M58PR512J Datasheet HTML 57Page - STMicroelectronics M58PR512J Datasheet HTML 58Page - STMicroelectronics M58PR512J Datasheet HTML 59Page - STMicroelectronics M58PR512J Datasheet HTML 60Page - STMicroelectronics M58PR512J Datasheet HTML 61Page - STMicroelectronics M58PR512J Datasheet HTML 62Page - STMicroelectronics M58PR512J Datasheet HTML 63Page - STMicroelectronics M58PR512J Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 114 page
background image
Dual operations and multiple bank architecture
M58PR256J, M58PR512J
60/114
11
Dual operations and multiple bank architecture
The Multiple Bank Architecture of the M58PRxxxJ gives greater flexibility for software
developers to split the code and data spaces within the memory array. The Dual Operations
feature simplifies the software management of the device by allowing code to be executed
from one bank while another bank is being programmed or erased.
The Dual Operations feature means that while programming or erasing in one bank, read
operations are possible in another bank with zero latency (only one bank at a time is allowed
to be in Program or Erase mode).
If a Read operation is required in a bank, which is programming or erasing, the Program or
Erase operation can be suspended.
Also if the suspended operation was erase then a Program command can be issued to
another Block, so the device can have one Block in Erase Suspend mode, one programming
and other banks in Read mode.
Bus Read operations are allowed in another bank between setup and confirm cycles of
Program or Erase operations.
By using a combination of these features, Read operations are possible at any moment in
the M58PRxxxJ device.
Dual operations between the Extended Flash Array (EFA) and either of the CFI, the OTP or
the Electronic Signature memory space are not allowed. Table 20 shows which dual
operations are allowed or not between the CFI, the OTP, the Electronic Signature locations
and the memory array.
Table 18 and Table 19 show the dual operations possible in other banks and in the same
bank.
Table 18.
Dual operations allowed in other banks
Status of bank
Commands allowed in another bank
Read
Array
Read
Status
Register
Read
CFI
Query
Read
Electronic
Signature
Read
EFA
Program,
Buffer
Program
Block
Erase
Program/
Erase
Suspend
Program/
Erase
Resume
Idle
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Programming
Yes
Yes
Yes
Yes
Yes
–
–
Yes
–
Erasing
Yes
Yes
Yes
Yes
Yes
–
–
Yes
–
Program
Suspended
Yes
Yes
Yes
Yes
Yes
–
–
–
Yes
Erase
Suspended
Yes
Yes
Yes
Yes
Yes
Yes
–
–
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com