Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58PR512J Datasheet(PDF) 79 Page - STMicroelectronics

Part # M58PR512J
Description  256 Mbit or 512 Mbit (x16, Multiple Bank, Multilevel, Burst) 1.8 V supply Flash memories
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58PR512J Datasheet(HTML) 79 Page - STMicroelectronics

Back Button M58PR512J Datasheet HTML 75Page - STMicroelectronics M58PR512J Datasheet HTML 76Page - STMicroelectronics M58PR512J Datasheet HTML 77Page - STMicroelectronics M58PR512J Datasheet HTML 78Page - STMicroelectronics M58PR512J Datasheet HTML 79Page - STMicroelectronics M58PR512J Datasheet HTML 80Page - STMicroelectronics M58PR512J Datasheet HTML 81Page - STMicroelectronics M58PR512J Datasheet HTML 82Page - STMicroelectronics M58PR512J Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 114 page
background image
M58PR256J, M58PR512J
DC and ac parameters
79/114
Table 30.
Write ac characteristics, Write Enable controlled(1)
1.
Sampled only, not 100% tested.
Symbol
Alt
Parameter
108 MHz 66 MHz
Unit
tAVAV
tWC
Address Valid to Next Address Valid
Min
96
96
ns
tAVLH
Address Valid to Latch Enable High
Min
5
5
ns
tAVWH
(2)
Address Valid to Write Enable High
Min
40
40
ns
tDVWH
tDS
Data Valid to Write Enable High
Min
40
40
ns
tELLH
Chip Enable Low to Latch Enable High
Min
9
10
ns
tELWL
tCS
Chip Enable Low to Write Enable Low
Min
0
0
ns
tELQV
Chip Enable Low to Output Valid
Min
96
96
ns
tELKH
Chip Enable Low to Clock High
Min
5
5
ns
tGHWL
Output Enable High to Write Enable Low
Min
14
17
ns
tLHAX
Latch Enable High to Address Transition
Min
5
5
ns
tLLLH
Latch Enable Pulse Width
Min
7
7
ns
tWHAV
(2)
2.
Meaningful only if L is always kept low.
Write Enable High to Address Valid
Min
0
0
ns
tWHAX
(2)
tAH
Write Enable High to Address Transition
Min
0
0
ns
tWHDX
tDH
Write Enable High to Input Transition
Min
0
0
ns
tWHEH
tCH
Write Enable High to Chip Enable High
Min
0
0
ns
tWHEL
(3)
3.
tWHEL has this value when reading in the targeted bank or when reading after a Set Configuration Register
command. System designers should take this into account and may insert a software No-Op instruction to
delay the first read in the same bank after issuing any command and to delay the first read to any address
after issuing a Set Configuration Register command. If the first read after the command is a Read Array
operation in a different bank and no changes to the Configuration Register have been issued, tWHEL is 0ns.
Write Enable High to Chip Enable Low
Min
20
20
ns
tWHGL
Write Enable High to Output Enable Low
Min
0
0
ns
tWHLL
Write Enable High to Latch Enable Low
Min
0
0
ns
tWHWL
tWPH Write Enable High to Write Enable Low
Min
20
20
ns
tWHQV
Write Enable High to Output Valid
Min
116
116
ns
tWLWH
tWP
Write Enable Low to Write Enable High
Min
40
40
ns
tQVVPL
Output (Status Register) Valid to VPP Low
Min
0
0
ns
tQVWPL
Output (Status Register) Valid to Write
Protect Low
Min
0
0
ns
tVPHWH
tVPS VPP High to Write Enable High
Min
200
200
ns
tWHVPL
Write Enable High to VPP Low
Min
200
200
ns
tWHWPL
Write Enable High to Write Protect Low
Min
200
200
ns
tWPHWH
Write Protect High to Write Enable High
Min
200
200
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com