Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58PR512J Datasheet(PDF) 27 Page - STMicroelectronics

Part # M58PR512J
Description  256 Mbit or 512 Mbit (x16, Multiple Bank, Multilevel, Burst) 1.8 V supply Flash memories
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58PR512J Datasheet(HTML) 27 Page - STMicroelectronics

Back Button M58PR512J Datasheet HTML 23Page - STMicroelectronics M58PR512J Datasheet HTML 24Page - STMicroelectronics M58PR512J Datasheet HTML 25Page - STMicroelectronics M58PR512J Datasheet HTML 26Page - STMicroelectronics M58PR512J Datasheet HTML 27Page - STMicroelectronics M58PR512J Datasheet HTML 28Page - STMicroelectronics M58PR512J Datasheet HTML 29Page - STMicroelectronics M58PR512J Datasheet HTML 30Page - STMicroelectronics M58PR512J Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 114 page
background image
M58PR256J, M58PR512J
Command interface
27/114
4.11
Program and Verify phase
The Program and Verify Phase requires 512 cycles to program the 512 Words to the Write
Buffer. The data is stored sequentially, starting at the first address of the Write Buffer, until
the Write Buffer is full (512 Words). To program less than 512 Words, the remaining Words
should be programmed with FFFFh.
Three successive steps are required to issue and execute the Program and Verify Phase of
the command.
1.
Use one Bus Write operation to latch the Start Address and the first Word to be
programmed. The Status Register Bank Write Status bit SR0 should be read to check
that the P/E.C. is ready for the next Word.
2.
Each subsequent Word to be programmed is latched with a new Bus Write operation.
The address must remain the Start Address as the P/E.C. increments the address
location.If any address that is not in the same Block as the Start Address is given, the
Program and Verify Phase terminates. Status Register bit SR0 should be read between
each Bus Write cycle to check that the P/E.C. is ready for the next Word.
3.
Once the Write Buffer is full, the data is programmed sequentially to the memory array.
After the program operation the device automatically verifies the data and reprograms if
necessary.
The Program and Verify phase can be repeated, without re-issuing the command, to
program additional 512 Word locations as long as the address remains in the same Block.
4.
Finally, after all Words, or the entire Block have been programmed, write FFFFh to any
address outside the Block containing the Start Address, to terminate the Program and
Verify Phase.
Status Register bit SR0 must be checked to determine whether the program operation is
finished. The Status Register may be checked for errors at any time but it must be checked
after the entire Block has been programmed.
4.12
Exit phase
Status Register P/E.C. bit SR7 set to ‘1’ indicates that the device has exited the Buffer
Enhanced Factory Program operation.
On exiting the Buffered Enhanced Factory Program algorithm by writing FFFFh to an
address outside the Block containing the start address, the read mode of the programmed
and addressed banks remains unchanged.
A full Status Register check should be done to ensure that the Block has been successfully
programmed. See the section on the Status Register for more details.
For optimum performance the Buffer Enhanced Factory Program command should be
limited to a maximum of 100 program/erase cycles per Block. If this limit is exceeded the
internal algorithm will continue to work properly but some degradation in performance is
possible. Typical program times are given in Table 22.
See Appendix C, Figure 28: Buffer Enhanced Factory Program flowchart and pseudo code,
for a suggested flowchart on using the Buffer Enhanced Factory Program command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com