Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58PR512J Datasheet(PDF) 37 Page - STMicroelectronics

Part # M58PR512J
Description  256 Mbit or 512 Mbit (x16, Multiple Bank, Multilevel, Burst) 1.8 V supply Flash memories
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58PR512J Datasheet(HTML) 37 Page - STMicroelectronics

Back Button M58PR512J Datasheet HTML 33Page - STMicroelectronics M58PR512J Datasheet HTML 34Page - STMicroelectronics M58PR512J Datasheet HTML 35Page - STMicroelectronics M58PR512J Datasheet HTML 36Page - STMicroelectronics M58PR512J Datasheet HTML 37Page - STMicroelectronics M58PR512J Datasheet HTML 38Page - STMicroelectronics M58PR512J Datasheet HTML 39Page - STMicroelectronics M58PR512J Datasheet HTML 40Page - STMicroelectronics M58PR512J Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 114 page
background image
M58PR256J, M58PR512J
Command interface
37/114
Table 7.
Standard commands
Commands
Bus operations(1)
1st Cycle
2nd Cycle
Op.
Add
Data
Op.
Add
Data
Read Array
1+
Write
BKA
FFh
Read
WA
RD
Read Status Register
1+
Write
BKA
70h
Read
BKA(2)
SRD
Read Electronic Signature
1+
Write
BKA
90h
Read
BKA(2)
ESD
Read CFI Query
1+
Write
BKA
98h
Read
BKA(2)
QD
Clear Status Register
1
Write
X
50h
Block Erase
2
Write
BKA or BA(3)
20h
Write
BA
D0h
Program
2
Write
BKA or WA(3)
41h
Write
WA
PD
Buffer Program
n+4
(4)
Write
BA
E9h
Write
BA
n
Write
PA1
PD1
Write
PA2
PD2
Write
PAn+1
PDn+1
Write
X
D0h
Program/Erase Suspend
1
Write
X
B0h
Program/Erase Resume
1
Write
X
D0h
Protection Register Program
2
Write
PRA
C0h
Write
PRA
PRD
Set Configuration Register
2
Write
CRD
60h
Write
CRD
03h
Block Lock
2
Write
BKA or BA(3)
60h
Write
BA
01h
Set Enhanced Configuration
Register
2
Write
ECRD
60h
Write
ECRD
04h
Block Unlock
2
Write
BKA or BA(3)
60h
Write
BA
D0h
Block Lock-Down
2
Write
BKA or BA(3)
60h
Write
BA
2Fh
Blank Check
2
Write
BA
BCh
Write
BA
D0h
Read EFA Block
1+
Write
BKA
94h
Read
WA
RD
Program EFA Block
2
Write
BKA or WA(3)
44h
Write
WA
PD
Erase EFA Block
2
Write
BKA or BA(3)
24h
Write
BA
D0h
Suspend EFA Block
1
Write
X
B0h
Resume EFA Block
1
Write
X
D0h
Lock EFA Block
2
Write
BKA or BA(3)
64h
Write
BA
01h
Unlock EFA Block
2
Write
BKA or BA(3)
64h
Write
BA
D0h
Lock-Down EFA Block
2
Write
BA
64h
Write
BA
2Fh
1.
X = Don't Care, WA = Word Address in targeted bank, RD = Read Data, SRD = Status Register Data, ESD = Electronic
Signature Data, QD = Query Data, BA = Block Address, BKA = Bank Address, PA = Program Address, PD = Program
Data, PRA = Protection Register Address, PRD = Protection Register Data, CRD = Configuration Register Data, ECRD =
Enhanced Configuration Register Data.
2.
Must be same bank as in the first cycle. The signature addresses are listed in Table 9.
3.
Any address within the bank can be used.
4.
n+1 is the number of Words to be programmed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com